Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC722LP3E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC722LP3E
Description  13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC722LP3E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC722LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 7
Evaluation PCB
HMC722LP3E
v00.0210
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR
GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
List of Materials for Evaluation PCB 118777 [1]
Item
Description
J1 - J6
PCB Mount SMA RF Connectors
J7 - J9
DC Pin
C1, C2
100 pF Capacitor, 0402 Pkg.
C3, C4
4.7 µF Capacitor, Tantalum
R1
10 Ohm Resistor, 0603 Pkg.
U1
HMC722LP3E
High Speed Logic, AND / NAND / OR / NOR
PCB [2]
118775 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25FR
Item
Description
J1
AN
J2
AP
J3
BN
J4
BP
J5
DP
J6
DN
J7
Vee
J8
VR
J9
GND
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package gro-
und leads should be connected directly to the
ground plane similar to that shown. The exposed
package base should be connected to Vee. A suffi-
cient number of via holes should be used to connect
the top and bottom ground planes. The evaluation
circuit board shown is available from Hittite upon
request.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com