Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20150CT Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MBRF20150CT
Description  20A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MBRF20150CT Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MBRF20150CT Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MBRF20150CT Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MBRF20150CT Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MBRF20150CT Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Number: DB-151
March 2010, Revision D
Page 2
TAK CHEONG
®
SEMICONDUCTOR
TYPICAL CHARACTERISTICS
f = 1MHz
Ta = 25
℃
10.0
100.0
1000.0
0
5
10
15
20
25
30
35
40
Reverse Voltage [V]
MBRF20150CT
MBRF20200CT
MBRF20100CT
0
4
8
12
16
20
0
25
50
75
100
125
150
Tc - Case Tem perature [
℃]
0.001
0.010
0.100
1.000
10.000
100.000
1000.000
10000.000
0
20
40
60
80
100
120
140
160
180
200
VR - Reverse Voltage [V]
Ta=25
℃
Ta=75
℃
Ta=125
℃
Ta= 150
℃
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VF - Instantaneours Forward Voltage [V]
Ta=75
℃
Ta=125
℃
Ta=150
℃
Ta=25
℃
0.001
0.010
0.100
1.000
10.000
100.000
1000.000
10000.000
0
15
304560
7590
105
120
135
150
VR - Reverse Voltage [V]
Ta=25
℃
Ta=75℃
Ta=125℃
Ta= 150℃
0.010
0.100
1.000
10.000
100.000
1000.000
10000.000
0
1020
3040
50
6070
8090
100
VR - Reverse Voltage [V]
Ta=25
℃
Ta=75
℃
Ta=125
℃
Ta= 150℃
Figure 1. Forward Current Derating Curve (Per Diode)
Figure 2. Junction Capacitance (Per Diode)
Figure 3. MBRF20100CT Typical Reverse Current (Per Diode)
Figure 4. MBRF20150CT Typical Reverse Current (Per Diode)
Figure 5. MBRF20200CT Typical Reverse Current (Per Diode)
Figure 6. MBRF20100CT Typical Forward Voltage (Per Diode)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com