Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC795LP5E Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC795LP5E
Description  SiGe Wideband Direct Quadrature Modulator w/ vga, 50 - 2800 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC795LP5E Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC795LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 13Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 14Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 15Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 16Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 17Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 13
evaluation Pcb
the circuit board used in the application should use RF circuit design techniques. signal lines should have
50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the
ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and
bottom ground planes. the evaluation circuit board shown is available from Hittite upon request.
HMC795LP5E
v00.0409
SiGe Wideband direct Quadrature
Modulator w/ vGa, 50 - 2800 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com