Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC802LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC802LP3E
Description  20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC802LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC802LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC802LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC802LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC802LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC802LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC802LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 2
HMC802LP3E
v00.0110
20 dB GaAs MMIC 1-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
Input Return Loss
Output Return Loss
Insertion Loss
Relative Attenuation
Bit Error vs. Frequency
Relative Phase vs. Frequency
-6
-5
-4
-3
-2
-1
0
0
2
4
6
8
10
12
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-26
-24
-22
-20
-18
-16
-14
0
2
4
6
8
10
12
FREQUENCY (GHz)
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
0
2
4
6
8
10
12
FREQUENCY (GHz)
-40
-30
-20
-10
0
0
2
4
6
8
10
12
INSERTION LOSS
20 dB
FREQUENCY (GHz)
-40
-30
-20
-10
0
0
2
4
6
8
10
12
INSERTION LOSS
20 dB
FREQUENCY (GHz)
-60
-40
-20
0
20
40
60
0
2
4
6
8
10
12
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com