Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC826LP6CE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC826LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC826LP6CE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC826LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC826LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC826LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC826LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC826LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC826LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC826LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC826LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC826LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
Parameter
Condition
Min.
Typ.
Max.
Units
Charge Pump
Max Output Current
0.02
2.54
mA
Charge Pump Gain Step Size (5-Bits)
500
µA
PD/Charge Pump SSB Phase Noise
50 MHz Ref, Input Referred
1 kHz
-141
dBc/Hz
10 kHz
Add 1 dB for Fractional
-149
dBc/Hz
100 kHz
Add 3 dB for Fractional
-153
dBc/Hz
Logic Inputs
VIH Input High Voltage
DVDD3V-0.4
DVDD3V
V
VIL Input Low Voltage
0
0.4
V
Logic Outputs
VOH Output High Voltage
DVDD3V-0.4
DVDD3V
V
VOL Output Low Voltage
0
0.4
V
Power Supply Voltages
Analog 3.3V Supplies
AVDD, VCCHF, VCCPS,
VCCPD, RVDD
3.0
3.3
3.5
V
Digital Supply
DVDD3V
3.0
3.3
3.5
V
Analog 5V Supplies
VPPCP, VDDCP, VCC1, VCC2
4.8
5
5.2
V
Power Supply Currents
+5V Analog Charge Pump
VPPCP, VDDCP
5.3
mA
+5V VCO Core and PLL Buffer
VCC2
56
mA
+5V VCO Divider and RF Buffer
VCC1
36
mA
+3.3V Analog
AVDD, VCCHF, VCCPS,
VCCPD, RVDD
45
mA
+3.3V Digital
DVDD3V
6.5
mA
Power Down - Crystal Off
Reg 01h=0,
Crystal Not Clocked
10
µA
Power Down - Crystal On, 100 MHz
Reg 01h=0,
Crystal Clocked 100 MHz
10
200
µA
Power on Reset
Typical Reset Voltage on DVDD
700
mV
Min DVDD Voltage for No Reset
1.5
V
Power on Reset Delay
250
µs
VCO Open Loop Phase Noise at fvco/2
1 GHz Divide-by-2 Output
10 kHz Offset
-91
dBc/Hz
1 GHz Divide-by-2 Output
100 kHz Offset
-121
dBc/Hz
1 GHz Divide-by-2 Output
1 MHz Offset
-146
dBc/Hz
1 GHz Divide-by-2 Output
10 MHz Offset
-163
dBc/Hz
1 GHz Divide-by-2 Output
100 MHz Offset
-164
dBc/Hz
Closed Loop Phase Noise PLL + VCO at fvco/2
1 GHz VCO, Integer, 50 MHz PFD
1 kHz Offset
-112
dBc/Hz
1 GHz VCO, Integer, 50 MHz PFD
10 kHz Offset
-114
dBc/Hz
1 GHz VCO, Integer, 50 MHz PFD
100 kHz Offset
-120
dBc/Hz
1 GHz VCO, Integer, 50 MHz PFD
1 MHz Offset
-146
dBc/Hz
HMC826LP6CE
v04.1010
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 990 - 1105 MHz
Electrical Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com