Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC828LP6CE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC828LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC828LP6CE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC828LP6CE_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC828LP6CE_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC828LP6CE_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC828LP6CE_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC828LP6CE_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC828LP6CE_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC828LP6CE_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC828LP6CE_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC828LP6CE_10 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
General Description
The HMC828LP6CE is a fully functioned Fractional-N Phase-Locked-Loop (PLL) Frequency Synthesizer with an
Integrated Voltage Controlled Oscillator (VCO). The synthesizer consists of an integrated low noise VCO with divide-
by-2 output, an autocalibration subsystem for low voltage VCO tuning, a very low noise digital Phase Detector (PD), a
precision controlled charge pump, a low noise reference path divider and a fractional divider.
The fractional synthesizer features an advanced delta-sigma modulator design that allows both ultra-fine step sizes
and low spurious products. The phase detector (PD) features cycle slip prevention (CSP) technology to allow faster
frequency hopping times. Ultra low in-close phase noise and low spurious also allows wider loop bandwidths for faster
frequency hopping and low micro-phonics.
For theory of operation and register map refer to the “PLLs w/ Integrated VCOs - RF VCOs Operating Guide”. To
view the Operating Guide, please visit www.hittite.com and choose HMC828LP6CE from the “Search by Part
Number” pull down menu.
HMC828LP6CE
v04.1010
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 1285 - 1415 MHz
Parameter
Condition
Min.
Typ.
Max.
Units
RF Output Characteristics
VCO Frequency at PLL Input
1285
1415
MHz
RF Output Frequency at fVCO
1285
1415
MHz
RF Output Power at fVCO
7
10
13
dBm
VCO Tuning Sensitivity
Measured at 2 GHz, 2V
15
MHz/V
VCO Supply Pushing
Measured at 2 GHz, 2V
-2
1.5
MHz/V
RF Output 2nd Harmonic
-25
dBc
RF Output 3rd Harmonic
-23
dBc
RF Output 4th Harmonic
-31
dBc
RF Divider Characteristics
19-Bit N-Divider Range (Integer)
Max = 219 - 1
16
524,287
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio
varies (-3 / +4) dynamically max
20
524,283
REF Input Characteristics
Max Ref Input Frequency
Synthesizer phase noise can
degrade by about 5 dB when
operating with a reference
frequency near the low end of
this range.
10
50
200
MHz
Ref Input Range
AC Coupled
1.5
2
3.3
Vpp
Ref Input Capacitance
5
pF
14-Bit R-Divider Range
1
16,383
Phase Detector (PD)
PD Frequency Fractional Feedback Mode
[1]
0.1
100
MHz
PD Frequency Fractional Feedforward Mode
(and Register 6 [17:16] = 10)
0.1
80
MHz
PD Frequency Integer Mode
[1]
0.1
125
MHz
Electrical Specifications, T
A = +25° C
VPPCP, VDDCP, VCC1, VCC2 = 5V ±4%; RVDD, AVDD, DVDD3V, VCCPD, VCCHF, VCCPS =
3.3V ±6% GNDCP = GNDLS = Ground Paddle = 0V
Note 1: This maximum phase detector frequency can only be achieved if the minimum N value is respected. eg. In the case of fractional feedback
mode, the maximum PFD rate = fvco/20 or 100 MHz, whichever is less.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com