Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC862LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC862LP3E
Description  0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC862LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC862LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC862LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 2
Divide-by-1
Input Sensitivity vs. Temperature
Phase Noise vs. Temperature,
Pin = 0 dBm, Fin = 6 GHz
Output Harmonics, Pin = 0 dBm T = 25 °C
Phase Noise vs. Frequency, Pin = 0 dBm
Reverse Leakage, Pin = 0 dBm T = 25 °C
-10
-8
-6
-4
-2
0
2
4
6
8
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
+25C
+85C
-40C
INPUT FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
10
15
0
2
4
6
8
10
12
14
16
18
20
Min Pin +25C
Max Pin +25C
Min Pin +85C
Max Pin +85C
Min Pin -40C
Max Pin -40C
INPUT FREQUENCY (GHz)
-160
-150
-140
-130
-120
1.0e+2
1.0e+3
1.0e+4
1.0e+5
1.0e+6
1.0e+7
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)
-160
-155
-150
-145
-140
-135
-130
-125
-120
1.0e+2
1.0e+3
1.0e+4
1.0e+5
1.0e+6
1.0e+7
100MHz SQ
100MHz SINE
6 GHz
15 GHz
OFFSET FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
-10
0
10
0
2
4
6
8
10
12
14
16
18
20
Pfeedthru
3rd Harmonic
INPUT FREQUENCY (GHz)
Output Power vs. Temperature, Pin = 0 dBm
-50
-40
-30
-20
-10
0
Both Output Ports Terminated
One Output Port Terminated
1
2
3
4 5
6
7
8
9 10 11 12 13 14 15 16
INPUT FREQUENCY (GHz)
HMC862LP3E
v03.1210
0.1 - 15 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1, 2, 4, 8)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com