Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL-LXTO46355C Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LXTO46355C
Description  355nm UV LED, TO-46 CAN PACKAGE.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LXTO46355C Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LXTO46355C Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LXTO46355C

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LXTO46365C LUMEX-SSL-LXTO46365C Datasheet
98Kb / 1P
365nm UV, TO-46 CAN PACKAGE.
SSL-LXTO46375C LUMEX-SSL-LXTO46375C Datasheet
92Kb / 1P
377nm UV LED, TO-46 CAN PACKAGE.
More results

Similar Description - SSL-LXTO46355C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE501 ETC-CLE501 Datasheet
100Kb / 1P
390nm UV LED Dome Lens, TO-46 Aluminum Package
logo
Clairex Technologies, I...
CLE501 CLAIREX-CLE501 Datasheet
104Kb / 1P
390nm UV LED Dome Lens, TO-46 Aluminum Package
logo
LUMEX INC.
SSL-LXTO46UV1C LUMEX-SSL-LXTO46UV1C Datasheet
101Kb / 1P
385mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C Datasheet
100Kb / 1P
405mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV3C LUMEX-SSL-LXTO46UV3C Datasheet
100Kb / 1P
415mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C_11 Datasheet
103Kb / 1P
405nm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46365C LUMEX-SSL-LXTO46365C Datasheet
98Kb / 1P
365nm UV, TO-46 CAN PACKAGE.
SSL-LXTO46375C LUMEX-SSL-LXTO46375C Datasheet
92Kb / 1P
377nm UV LED, TO-46 CAN PACKAGE.
SSL-LXTO46UV2C-F LUMEX-SSL-LXTO46UV2C-F Datasheet
76Kb / 1P
405mm UV LED, TO-46 CAN PACKAGE
logo
NaKu Technology Co., Lt...
C-P-1085 NAKU-C-P-1085 Datasheet
333Kb / 2P
355nm 10mw UV Fiber Coupled Laser
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com