Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVPE502CPRGET Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVPE502CPRGET
Description  Dual Channel USB3.0 Redriver/Equalizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVPE502CPRGET Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN65LVPE502CPRGET Datasheet HTML 10Page - Texas Instruments SN65LVPE502CPRGET Datasheet HTML 11Page - Texas Instruments SN65LVPE502CPRGET Datasheet HTML 12Page - Texas Instruments SN65LVPE502CPRGET Datasheet HTML 13Page - Texas Instruments SN65LVPE502CPRGET Datasheet HTML 14Page - Texas Instruments SN65LVPE502CPRGET Datasheet HTML 15Page - Texas Instruments SN65LVPE502CPRGET Datasheet HTML 16Page - Texas Instruments SN65LVPE502CPRGET Datasheet HTML 17Page - Texas Instruments SN65LVPE502CPRGET Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
EQ = 7dB
DE
LeCroy 25 GHz
Realtime Scope
Input = 12"
Output
LVPE 502CP
USB 3.0 Source
4mil
4 mil
Output Deterministic Jitter (Post CTLE) versus Output Trace Length
Input Trace Fixed at 12"
Dj Max Limit per USB 3.0 Spec
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
50
Input Trace Length (inches)
DE = 0 dB
DE = -3.5 dB
DE = -6 dB
SN65LVPE502CP
SLLSE79A
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
PLOT #3 FIXED INPUT TRACE WITH VARIABLE OUTPUT TRACE and (No Cable)
14
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :SN65LVPE502CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com