Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9024C Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS9024C
Description  Automatic Cable Equalizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024C Datasheet(HTML) 3 Page - Gennum Corporation

  GS9024C Datasheet HTML 1Page - Gennum Corporation GS9024C Datasheet HTML 2Page - Gennum Corporation GS9024C Datasheet HTML 3Page - Gennum Corporation GS9024C Datasheet HTML 4Page - Gennum Corporation GS9024C Datasheet HTML 5Page - Gennum Corporation GS9024C Datasheet HTML 6Page - Gennum Corporation GS9024C Datasheet HTML 7Page - Gennum Corporation GS9024C Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GENNUM CORPORATION
20581 - 0
3
TEST SETUP
TEST SETUP
TEST SETUP
TEST SETUP
Fig. 1 Test Setup for Figure 3.
Fig. 2 Test Setup for Figures 4, 5, 6, 7 and 10.
AC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
VCC = 5V, VEE = 0V, TA = 0°C TO 70°C unless otherwise shown.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
1
MAX
UNITS
NOTES
TEST
LEVEL
Data Rate
143
-
360
Mb/s
1
Output Signal Swing
VSDO
RL = 75Ω
700
850
1000
mV
1
Additive Jitter
tJ
270Mb/s, 300m
-
275
-
ps p-p
see
Fig 5
5
Output Rise and Fall
Times (20-80%)
tr, tf
0.5
0.65
-
ns
3
Output Duty Cycle
Distortion
-30
-
ps
2
Input Resistance
RIN
SDI, SDI
-10
-
k
Ω
2
Input Capacitance
CIN
SDI, SDI
-1.0
-
pF
2
Carrier Detect
Response Time
tCDON
Carrier Applied RL =
∞,
CL ≤ 50pF on SSI/CD
-3-
µs
2
tCDOFF
Carrier Removed RL =
∞,
CL ≤ 50pF on SSI/CD
-30
-
µs
2
High Z Response Time
trHIGHZ
-17
-
ns
2
Input Return Loss
at 270MHz
15
20
-
dB
see Fig 8
3
Maximum Equalizer
Gain
AEQ
at 200MHz
-
40
-
dB
see Fig 4
3, 5
TEST LEVELS
1. 100% tested at 25°C.
2. Guaranteed by design.
3. Inferred or co-related value.
4. Evaluated using test setup Figure 1.
5. Evaluated using test setup Figure 2.
NOTES
1. Typical values are parametric norms at
25°C.
EB9024
BOARD
GS9028
CABLE
DRIVER
TEKTRONIX
GigaBERT
700
ANALYZER
TEKTRONIX
GigaBERT
700
TRANSMITTER
BELDEN 8281
CABLE
DATA
DATA
CLOCK
TRIGGER
GS9028
CABLE
DRIVER
VERTICAL IN
TRIGGER IN
OSCILLOSCOPE
ANRITSU
ME522A
or
GigaBERT
700
TRANSMITTER
BELDEN 8281
CABLE
DATA
DATA
CLOCK
EB9024
BOARD
SSI/CD
CD_ADJ
V
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com