Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9062 Datasheet(PDF) 44 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 44 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 38Page - Gennum Corporation GS9062 Datasheet HTML 39Page - Gennum Corporation GS9062 Datasheet HTML 40Page - Gennum Corporation GS9062 Datasheet HTML 41Page - Gennum Corporation GS9062 Datasheet HTML 42Page - Gennum Corporation GS9062 Datasheet HTML 43Page - Gennum Corporation GS9062 Datasheet HTML 44Page - Gennum Corporation GS9062 Datasheet HTML 45Page - Gennum Corporation GS9062 Datasheet HTML 46Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
44 of 46
6. Package & Ordering Information
6.1 Package Dimensions
TOLERANCES OF FORM AND POSITION
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
MILLIMETER
INCH
80L
b
e
aaa
ccc
bbb
D2
E2
0.22
0.65 BSC
0.026 BSC
12.35
0.20
0.20
0.10
0.008
0.008
0.004
0.486
0.486
12.35
0.30
0.38
0.009 0.012 0.01 5
NOTES:
Diagram shown is representative only. Table X is fixed for all pin sizes, and
Table Y is specific to the 80-pin package.
Table Y
ddd
0.13
0.005
Table X
CONTROL DIMENSIONS ARE IN MILLIMETERS.
1. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION.
ALLOWABLE PROTRUSION IS 0.25mm PER SIDE. D1 AND E1 ARE
MAXIMUM PLASTIC BODY SIZE DIMENSIONS INCLUDING MOLD
MISMATCH.
2. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b DIMENSION BY MORE THAN
0.08mm. DAMBAR CAN NOT BE LOCATED ON THE LOWER RADIUS
OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSION AND AN
ADJACENT LEAD IS 0.07mm FOR 0.4mm AND 0.5mm PITCH PACKAGES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com