Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40NT Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 40NT
Description  Phase Control Thyristors, 40A (Stud and Lead Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

40NT Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  40NT Datasheet HTML 1Page - Naina Semiconductor ltd. 40NT Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Phase Control Thyristors, 40A
Features
•
Improved glass passivation for high reliability
•
Exceptional stability at high temperatures
•
High di/dt and dv/dt capabilities
•
Metric thread type available
•
Low thermal resistance
Thermal and Mechanical Specifications
(TJ
Parameters
Maximum operating junction temperature range
Maximum storage temperature range
Maximum thermal resistance, junction to case
Mounting torque
Approximate weight
Electrical Ratings (TJ = 250C, unless otherwise noted)
Parameters
Symbol
Maximum on-state average current 180
O
sinusoidal conduction @ TJ = 85
0C
Maximum RMS on-state current
Maximum peak, one cycle non-repetitive
surge current
Maximum I
2t for fusing
Maximum repetitive peak on and off-state
voltage range
Maximum peak on-state voltage (TJ = 25
0C,
Ipeak = 79A)
Maximum holding current @ TJ
Maximum latching current @TJ
Maximum rate of rise of turn-on current,
VDRM ≤ 600V
Critical rate of rise of
off-state voltage
TJ = TJ maximum,
100% VDRM
TJ = TJ maximum,
67% VDRM
Maximum gate
current required to
trigger
anode supply 6 V
resistive load @TJ
Maximum gate
voltage required to
trigger
emiconductor Ltd.
Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120
sales@nainasemi.com
•
www.nainasemi.com
Phase Control Thyristors, 40A (Stud and Lead Type)
glass passivation for high reliability
Exceptional stability at high temperatures
TO-208AC (TO-65)
J = 25
0C, unless otherwise noted)
Symbol
Values
Maximum operating junction temperature range
TJ
- 60 to
TStg
- 60 to
Rth(JC)
0.
0.2(min) to 0.3(max)
C, unless otherwise noted)
Symbol
Values
Units
IT(AV)
40
A
IT(RMS)
63
A
ITSM
600
A
I
2t
800
A
2s
VRRM,
VDRM
200 to
1600
V
VTM
1.2
V
IH
150
mA
IL
400
mA
di/dt
200
A/µs
dv/dt
100
V/µs
300
IGT
60
mA
VGT
2.0
V
40NT
4205450
•
Fax: 0120-4273653
ype)
& TO-209AC (TO-94)
Values
Units
to +125
0C
to +125
0C
0.9
0C/W
0.2(min) to 0.3(max)
mkg
14
g


Similar Part No. - 40NT

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
40NTD NAINA-40NTD Datasheet
112Kb / 2P
Thyristor - Diode Module
40NTT NAINA-40NTT Datasheet
123Kb / 2P
Thyristor - Thyristor Module
40NT NAINA-40NT_17 Datasheet
173Kb / 2P
Phase Control Thyristors (Stud & Lead Type), 40A
More results

Similar Description - 40NT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111RKI IRF-111RKI Datasheet
283Kb / 7P
PHASE CONTROL THYRISTORS Stud Version
ST110S IRF-ST110S Datasheet
232Kb / 9P
PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
logo
Naina Semiconductor ltd...
56NT NAINA-56NT Datasheet
152Kb / 2P
Phase Control Thyristors, 56A (Stud and Lead Type)
25NT NAINA-25NT_17 Datasheet
149Kb / 2P
Phase Control Thyristors (Stud Type), 25A
40NT NAINA-40NT_17 Datasheet
173Kb / 2P
Phase Control Thyristors (Stud & Lead Type), 40A
56NT NAINA-56NT_17 Datasheet
174Kb / 2P
Phase Control Thyristors (Stud & Lead Type), 56A
150NT NAINA-150NT_17 Datasheet
109Kb / 2P
Phase Control Thyristors (Stud Type), 150A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com