Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D10SC4MR Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D10SC4MR
Description  Schottky Rectifiers (SBD) (40V 10A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D10SC4MR Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D10SC4MR Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
D10SC4MR
40V 10A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : ITO-220
● Switching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunication
APPLICATION
● Tj150℃
● PRRSM avalanche guaranteed
● Fully Isolated Molding
FEATURES
Schottky Rectifiers (SBD)
Dual
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
45
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=123℃
10
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125℃
100
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Rating of per diode, Tj= 25℃
330
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
(Recommended torque:
0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A,
Pulse measurement, Rating of per diode
Max.0.55
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max. 3.5
mA
Junction Capacitance
Cj
f=1MHz,
VR=10V,
Rating of per diode
Typ.180
pF
θjc
junction to case
Max.3.3
℃/W
Thermal Resistance
θcf
case to heatsink, Mounting torque=0.5N・m
Max.1.5


Similar Part No. - D10SC4MR

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC4M SHINDENGEN-D10SC4M Datasheet
695Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
logo
Inchange Semiconductor ...
D10SC4M ISC-D10SC4M Datasheet
300Kb / 2P
Schotty Rectifier
More results

Similar Description - D10SC4MR

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SBS4 SHINDENGEN-D10SBS4 Datasheet
684Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D10SC4M SHINDENGEN-D10SC4M Datasheet
695Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 120A)
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
D1FS4 SHINDENGEN-D1FS4 Datasheet
599Kb / 12P
Schottky Rectifiers (SBD) (40V 1.1A)
DE10SC4 SHINDENGEN-DE10SC4 Datasheet
529Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
DF10SC4M SHINDENGEN-DF10SC4M Datasheet
593Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
SF10SC4 SHINDENGEN-SF10SC4 Datasheet
617Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
SF10SC4R SHINDENGEN-SF10SC4R Datasheet
553Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com