Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B22V Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B22V
Description  Triple Balanced Mixers 2.0 to 8.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B22V Datasheet(HTML) 1 Page - Micronetics, Inc.

  B22V Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Triple Balanced Mixers
B22V
2.0 to 8.0 GHz
Specifications
RF Frequency
2.0 to 8.0 GHz
LO Frequency
2.0 to 8.0 GHz
LO Power
+16 dBm typ
Transfer Characteristics
Conversion Loss
6.2 dB typ
8.5 dB max
IF Frequency
2.0 to 6.0 GHz
LO to RF Isolation
16 dB min
24 dB typ
LO to IF Isolation
16 dB min
28 dB typ
IP3 In
+19 dBm typ
P1dB In
+10 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B22V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B22 DBLECTRO-B22 Datasheet
267Kb / 1P
FEMALE HEADER WITH SQUARE TAIL
logo
ept GmbH
B22 EPT-B22 Datasheet
116Kb / 1P
Female connector
logo
Diodes Incorporated
B220 DIODES-B220 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B220 FUJI-B220 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B220 WEITRON-B220 Datasheet
168Kb / 3P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B22V

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20H MICRONETICS-B20H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B21A MICRONETICS-B21A Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21K MICRONETICS-B21K Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21Q MICRONETICS-B21Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21V MICRONETICS-B21V Datasheet
312Kb / 2P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22A MICRONETICS-B22A Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22K MICRONETICS-B22K Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22Q MICRONETICS-B22Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com