Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B30V Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B30V
Description  Double Balanced Mixers 3.0 to 7.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B30V Datasheet(HTML) 1 Page - Micronetics, Inc.

  B30V Datasheet HTML 1Page - Micronetics, Inc. B30V Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double Balanced Mixers
B30V
3.0 to 7.0 GHz
Specifications
RF Frequency
3.0 to 7.0 GHz
LO Frequency
4.0 to 8.0 GHz
LO Power
+16 dBm typ
Transfer Characteristics
Conversion Loss
5.5 dB typ
7.0 dB max
IF Frequency
DC to 2.0 GHz
LO to RF Isolation
25 dB min
38 dB typ
LO to IF Isolation
20 dB min
35 dB typ
IP3 In
+19 dBm typ
P1dB In
+10 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y,Z
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B30V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B30 DBLECTRO-B30 Datasheet
221Kb / 1P
FEMALE HEADER PROFILE : 5.8mm SIDE-ENTRY TYPE (DUAL ROW)
logo
Micrel Semiconductor
B30 MICREL-B30 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
Brady Worldwide, Inc.
B30 BRADY-B30 Datasheet
496Kb / 3P
High-performance solutions for Industrial ID, Wire & Cable ID,Product ID and more.
B30 BRADY-B30 Datasheet
653Kb / 3P
PermaSleeve Ps Polyolefin Wire Marking Sleeves
logo
List of Unclassifed Man...
B30-12 ETC1-B30-12 Datasheet
143Kb / 3P
30WATTS - 12.5 VOLTS 150-175MHz
More results

Similar Description - B30V

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30H MICRONETICS-B30H Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B90V MICRONETICS-B90V Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
C50A MICRONETICS-C50A Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com