Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B50K Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B50K
Description  Double Balanced Mixers 5.0 to 18.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B50K Datasheet(HTML) 1 Page - Micronetics, Inc.

  B50K Datasheet HTML 1Page - Micronetics, Inc. B50K Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double Balanced Mixers
B50K
5.0 to 18.0 GHz
Specifications
RF Frequency
5.0 to 18.0 GHz
LO Frequency
5.0 to 18.0 GHz
LO Power
+10 dBm typ
Transfer Characteristics
Conversion Loss
6.2 dB typ
8.0 dB max
IF Frequency
DC to 4.0 GHz
LO to RF Isolation
22 dB min
35 dB typ
LO to IF Isolation
20 dB min
30 dB typ
IP3 In
+14 dBm typ
P1dB In
+4 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y,Z
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B50K

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
B50-012 MITSUMI-B50-012 Datasheet
89Kb / 2P
Power Supply Voltage and Signal
logo
ITT Industries
B50-051-0000 ITT-B50-051-0000 Datasheet
489Kb / 42P
RF Coaxial Connectors
B50-051-9019 ITT-B50-051-9019 Datasheet
489Kb / 42P
RF Coaxial Connectors
B50-053-0000 ITT-B50-053-0000 Datasheet
489Kb / 42P
RF Coaxial Connectors
B50-053-9019 ITT-B50-053-9019 Datasheet
489Kb / 42P
RF Coaxial Connectors
More results

Similar Description - B50K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50V MICRONETICS-B50V Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B61A MICRONETICS-B61A Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61K MICRONETICS-B61K Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61Q MICRONETICS-B61Q Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61V MICRONETICS-B61V Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
C50A MICRONETICS-C50A Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50H MICRONETICS-C50H Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50K MICRONETICS-C50K Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com