Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C50A Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # C50A
Description  Double Balanced Mixers 5.0 to 9.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

C50A Datasheet(HTML) 1 Page - Micronetics, Inc.

  C50A Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Double Balanced Mixers
C50A
5.0 to 9.0 GHz
Specifications
RF Frequency
5.0 to 9.0 GHz
LO Frequency
5.0 to 9.0 GHz
LO Power
+13 dBm typ
Transfer Characteristics
Conversion Loss
5.0 dB typ
5.7 dB max
IF Frequency
DC to 2.0 GHz
LO to RF Isolation
20 dB min
30 dB typ
LO to IF Isolation
19 dB min
30 dB typ
IP3 In
+17 dBm typ
P1dB In
+7 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - C50A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C50A WTE-C50A Datasheet
23Kb / 2P
50A AUTOMOTIVER RECTIFIER CELL
C50A WTE-C50A Datasheet
42Kb / 2P
50A AUTOMOTIVE CELL DIODE
C50A WTE-C50A Datasheet
31Kb / 2P
50A AUTOMOTIVE CELL DIODE
logo
Anaren Microwave
C50A50Z4 ANAREN-C50A50Z4 Datasheet
390Kb / 2P
Surface Mount Termination 50 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4 Datasheet
212Kb / 3P
Surface Mount Termination 50 Watts, 50廓
More results

Similar Description - C50A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50V MICRONETICS-B50V Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B90A MICRONETICS-B90A Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90H MICRONETICS-B90H Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90K MICRONETICS-B90K Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90V MICRONETICS-B90V Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
C50H MICRONETICS-C50H Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50K MICRONETICS-C50K Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com