Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FF02S Datasheet(PDF) 8 Page - Japan Aviation Electronics Industry, Ltd.

Part # FF02S
Description  0.3mm Pitch Connector for FPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FF02S Datasheet(HTML) 8 Page - Japan Aviation Electronics Industry, Ltd.

  FF02S Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MB-0146-2
8/8
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electronics Industry, Limited
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
Notice: Products shown in this leaflet are
made for the applications listed below. However,
if the above-mentioned products are to be used in
aerospace devices, marine cable-connection
devices, atomic power control systems, medical
equipment for life-support systems, or any other
specific application requiring extremely high
reliability, please contact JAE for further
information.
Recommended applications: Computers, Office
machines, Measuring devices,
Telecommunication devices (Terminals, Mobile
devices), AV devices, Household applications, FA
devices, etc.
FPC configuration (Recommended)
(Note) Be sure to request specifications.
JAHL-10293
Operating Manual
JACS-10293
Specification Table
SJ104079 (odd number)
SJ104400 (even number)
Drawing
Document No.
Specification
Recommended
Gold Plating
Electrolysis Plating
0.1um min.
Nickel Plating
Electrolysis Plating
Soft type (If available)
Copper
Rolled Material
Nominal 18um max.
Adhesive
Thermosetting Adhesive
None (Recommended)
Base Film
Polyimide
25um
Adhesive
Thermosetting Adhesive
30um max.
Reinforce Plante
Polyimide
-
Composition



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com