Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSL3082 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # MSL3082
Description  8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3082 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button MSL3082 Datasheet HTML 8Page - ATMEL Corporation MSL3082 Datasheet HTML 9Page - ATMEL Corporation MSL3082 Datasheet HTML 10Page - ATMEL Corporation MSL3082 Datasheet HTML 11Page - ATMEL Corporation MSL3082 Datasheet HTML 12Page - ATMEL Corporation MSL3082 Datasheet HTML 13Page - ATMEL Corporation MSL3082 Datasheet HTML 14Page - ATMEL Corporation MSL3082 Datasheet HTML 15Page - ATMEL Corporation MSL3082 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Atmel LED Driver-MSL3082
Figure 5. Cascade Multiple Atmel LED Driver-MSL3082s to Control a Common Power Supply
Register Map Summary
Control the MSL3082 using the registers in the range 0x00 thru 0x59 (Table 3). Two additional registers, 0x90 and
0x91, allow access to, and programming of, the EEPROM. The power-up default values for all control registers are stored
within the on-chip EEPROM, and any of these EEPROM values may be changed through the serial interface.
REGISTER AND
ADDRESS
FUNCTION
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL
0x00
LED string
enables
STR7EN
STR6EN
STR5EN
STR4EN
STR3EN
STR2EN
STR1EN
STR0EN
0x01
UNUSED
POWERCTRL 0x02
Power
control
SLEEP
-
STRSCEN
STROCEN PWMDIRECT
I2CTOEN
FBOEN
PHADLYEN
OSCCTRL
0x03
Oscillator
frequency
-
-
-
-
-
OSCFREQ[2:0]
OTTEMP
0x04
Over-temp
threshold
OTTEMP[7:0]
SYSTEMP
0x05
System
temperature
SYSTEMP[7:0]
Table 3. Atmel LED Driver-MSL3082 Register Map
Atmel LED Driver-MSL3082
8-string, High-power, White or RGB LED Driver for TV,
Blacklighting, or Intelligent Solid-state Lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com