Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSL3085 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # MSL3085
Description  8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3085 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button MSL3085 Datasheet HTML 3Page - ATMEL Corporation MSL3085 Datasheet HTML 4Page - ATMEL Corporation MSL3085 Datasheet HTML 5Page - ATMEL Corporation MSL3085 Datasheet HTML 6Page - ATMEL Corporation MSL3085 Datasheet HTML 7Page - ATMEL Corporation MSL3085 Datasheet HTML 8Page - ATMEL Corporation MSL3085 Datasheet HTML 9Page - ATMEL Corporation MSL3085 Datasheet HTML 10Page - ATMEL Corporation MSL3085 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Atmel LED Driver-MSL3085
PIN
PIN
NAME
PIN DESCRIPTION
21
S12
Source sense input 12
Source sense input for external MOSFET 12. Connect S12 to the source of the external MOSFET, and to the current
sense resistor for LED string 12. The full-scale LED current is reached when 500mV is across the current sense resistor.
22
G12
Gate output 12
Gate drive output for external MOSFET 12. Connect G12 to the gate of the external MOSFET driving LED string 12.
23
D12
Drain sense input 12
Drain sense input for external MOSFET 12. Connect D12 through a 10MΩ resistor to the drain of the external MOSFET
driving LED string 12.
24
S14
Source sense input 14
Source sense input for external MOSFET 14. Connect S14 to the source of the external MOSFET, and to the current
sense resistor for LED string 14. The full-scale LED current is reached when 500mV is across the current sense resistor.
25
G14
Gate output 14
Gate drive output for external MOSFET 14. Connect G14 to the gate of the external MOSFET driving LED string 14.
26
D14
Drain Sense Input 14
Drain sense input for external MOSFET 14. Connect D14 through a 10MΩ resistor to the drain of the external MOSFET
driving LED string 14.
27
VCC
5V internal LDO regulator output
VCC powers the FBO outputs. Bypass VCC to GND with a 4.7µF ceramic capacitor placed close to VCC.
28
PHI
Phase synchronization input
Drive PHI with an external signal of typically 100Hz to 480Hz to synchronize the MSL3085 LED PWM timing.
29
GSC
Gate shift clock input
Drive GSC with the gate shift clock of the video signal.
30
PWM
PWM input
PWM allows external control of the brightness of all LED strings. Drive PWM with a pulse-width-modulated signal with a
duty cycle of 0% to 100% and a frequency up to 5kHz. When not configured as an input, PWM is high impedance.
31
EN
Enable input (active high)
Drive EN high to turn on the MSL3085, and drive EN low to turn off the MSL3085. For automatic start-up, connect EN to
VIN. When EN is low, the entire device, including the serial interface, is turned off. Driving EN high initiates a boot load
of the EEPROM data into the control registers, simulating a cold start-up.
32
VIN
Supply voltage input
Connect a 12V ±10% supply to VIN. Bypass VIN to GND with a 10µF ceramic capacitor placed close to VIN.
33
VDD
2.5V internal LDO regulator output
VDD powers internal logic. Bypass VDD to GND with a 4.7µF ceramic capacitor placed close to VDD.
34
S0
LED string 0 external MOSFET source input
Source sense input for external MOSFET 0. Connect S0 to the source of the external MOSFET, and to the current sense
resistor for LED string 0. The full-scale LED current is reached when 500mV is across the current sense resistor.
35
G0
Gate output 0
Gate drive output for external MOSFET 0. Connect G0 to the gate of the external MOSFET driving LED string 0.
36
D0
Drain sense input 0
Drain sense input for external MOSFET 0. Connect D0 through a 10MΩ resistor to the drain of the external MOSFET
driving LED string 0.
37
S2
LED string 2 external MOSFET source input
Source sense input for external MOSFET 2. Connect S2 to the source of the external MOSFET, and to the current sense
resistor for LED string 2. The full-scale LED current is reached when 500mV is across the current sense resistor.
38
G2
Gate output 2
Gate drive output for external MOSFET 2. Connect G2 to the gate of the external MOSFET driving LED string 2.
39
D2
Drain sense input 2
Drain sense input for external MOSFET 2. Connect D2 through a 10MΩ resistor to the drain of the external MOSFET
driving LED string 2.
40
S4
LED string 4 external MOSFET source input
Source sense input for external MOSFET 4. Connect S4 to the source of the external MOSFET, and to the current sense
resistor for LED string 4. The full-scale LED current is reached when 500mV is across the current sense resistor.
EP
EP
Exposed pad, power ground
Connect EP to system ground and to GND using short, wide traces. EP provides thermal relief for the die.
Atmel LED Driver-MSL3085
8-string White and RGB LED Driver with Adaptive Power
Control, EEPROM, and I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com