Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSLB9082 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 4 Page - ATMEL Corporation

  MSLB9082 Datasheet HTML 1Page - ATMEL Corporation MSLB9082 Datasheet HTML 2Page - ATMEL Corporation MSLB9082 Datasheet HTML 3Page - ATMEL Corporation MSLB9082 Datasheet HTML 4Page - ATMEL Corporation MSLB9082 Datasheet HTML 5Page - ATMEL Corporation MSLB9082 Datasheet HTML 6Page - ATMEL Corporation MSLB9082 Datasheet HTML 7Page - ATMEL Corporation MSLB9082 Datasheet HTML 8Page - ATMEL Corporation MSLB9082 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Atmel LED Driver-MSLB9082
Mechanical Drawing
Figure 1. Atmel LED Driver-MSLB9082 Mechanical Drawing. All Dimensions in Inches.
Connector Pin Descriptions
Table 1. J2 Input Connector Pin Descriptions
PIN NAME
PIN NUMBER
PIN DESCRIPTION
PWR
1,2
Input power to integrated boost regulator circuit
NC
3
No connection
NC
4
No connection
NC
5
No connection
SDA
6
I²C serial data
SCL
7
I²C serial clock
FLTB
8
Active low fault indication output
EN
9
Enable control input
PWM
10
PWM dimming control input
GND
11,12
Ground
Table 2. J3 Output Connector Pin Description
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com