Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # SM4
Description  Noise Diodes 10 kHz to 100 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

SM4 Datasheet(HTML) 1 Page - Micronetics, Inc.

  SM4 Datasheet HTML 1Page - Micronetics, Inc. SM4 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Noise Diodes
SM4
10 kHz to 100 MHz
Specifications
RF Frequency
10 kHz to 100 MHz
Noise Output
34 dB Min (10 KHz to 1 MHz) ENR
33 dB min (1 MHz to 10 MHz) ENR
31 db min (10 MHz to 100 MHz) ENR
Noise Spectral Density (No)
-140 dBm/Hz Min (10 kHz-1 MHz)
Bias Voltage
5.8 nominal V
Supply Current
4 mA Max
Impedance
50 ohms
Package and Connectivity
Construction
SMT SOT23
Environmental
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 125 °C
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - SM4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM4 ETC-SM4 Datasheet
800Kb / 5P
SM Solenoids
18/8/15
logo
Bourns Electronic Solut...
SM4 BOURNS-SM4 Datasheet
570Kb / 3P
SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns
REV. 09/25
logo
LUMEL S.A.
SM4 LUMEL-SM4 Datasheet
619Kb / 2P
module of logic outputs
logo
Omega Engineering, Inc.
SM4-15 OMEGA-SM4-15 Datasheet
351Kb / 2P
Sub-D Type Connectors Low Cost Crimp-Style
SM4-25 OMEGA-SM4-25 Datasheet
351Kb / 2P
Sub-D Type Connectors Low Cost Crimp-Style
More results

Similar Description - SM4

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
SM-1 MICRONETICS-SM-1 Datasheet
241Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 100 MHZ
ST-2A MICRONETICS-ST-2A Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2 MICRONETICS-ST-2 Datasheet
40Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
CNS7105-D1C MICRONETICS-CNS7105-D1C Datasheet
294Kb / 2P
High Power Broadband Noise Sources 100 kHz to 3 MHz
NMA2011-A1D MICRONETICS-NMA2011-A1D Datasheet
295Kb / 2P
Legacy 100 kHz to 1500 MHz
NMA2012-A1D MICRONETICS-NMA2012-A1D Datasheet
295Kb / 2P
Dip Packaged Noise Sources 100 kHz to 2000 MHz
SMN7105-D1C MICRONETICS-SMN7105-D1C Datasheet
296Kb / 3P
Surface Mount Noise Sources 100 kHz to 3 MHz
ST2A MICRONETICS-ST2A Datasheet
90Kb / 2P
Noise Diodes 10 kHz to 3000 MHz
SMN7108-D1C MICRONETICS-SMN7108-D1C Datasheet
292Kb / 3P
Surface Mount Noise Sources 50 kHz to 100 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com