Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDM70TTL Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # SMDM70TTL
Description  Legacy 200 kHz to 2 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

SMDM70TTL Datasheet(HTML) 1 Page - Micronetics, Inc.

  SMDM70TTL Datasheet HTML 1Page - Micronetics, Inc. SMDM70TTL Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Legacy
SMDM70TTL
200 kHz to 2 MHz
Specifications
RF Frequency
200 kHz to 2 MHz
Noise Output
72 to 76 dB Min ENR
Noise Spectral Density (No)
-100 dBm/Hz
Noise Power (N)
-40 to -34 dBm
Flatness
2 dB P-P Max
VSWR
1.4:1
Bias Voltage
15 V
Supply Current
75 mA Max
Impedance
50 ohms
Package and Connectivity
Construction
SMT 0.91 inch sq
Environmental
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 100 °C
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - SMDM70TTL

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
SMDM-70-TTL MICRONETICS-SMDM-70-TTL Datasheet
535Kb / 4P
DITHERING MODULES
logo
MDE Semiconductor, Inc.
SMDMAX-15KA MDE-SMDMAX-15KA_12 Datasheet
206Kb / 2P
Surface Mount Transient Voltage Suppressor
SMDMAX15KA MDE-SMDMAX15KA Datasheet
206Kb / 2P
Surface Mount Transient Voltage Suppressor
SMDMAX15KA-33CA MDE-SMDMAX15KA-33CA Datasheet
206Kb / 2P
Surface Mount Transient Voltage Suppressor
SMDMAX15KA-33CA MDE-SMDMAX15KA-33CA Datasheet
206Kb / 2P
Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMDM70TTL

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2010-A2S MICRONETICS-NMA2010-A2S Datasheet
163Kb / 2P
Legacy 100 kHz to 1000 MHz
NMA2010-A1D MICRONETICS-NMA2010-A1D Datasheet
295Kb / 2P
Legacy 100 kHz to 1000 MHz
NMA2011-A1D MICRONETICS-NMA2011-A1D Datasheet
295Kb / 2P
Legacy 100 kHz to 1500 MHz
NMA2012-A2S MICRONETICS-NMA2012-A2S Datasheet
163Kb / 2P
Legacy 100 kHz to 2000 MHz
NMA2107-A1E MICRONETICS-NMA2107-A1E Datasheet
50Kb / 2P
Legacy 1 kHz to 100 MHz
NMA2108-A2S MICRONETICS-NMA2108-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 300 MHz
NMA2109-A1E MICRONETICS-NMA2109-A1E Datasheet
163Kb / 2P
Legacy 1 kHz to 500 MHz
NMA2109-A2S MICRONETICS-NMA2109-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 500 MHz
NMA2110-A1E MICRONETICS-NMA2110-A1E Datasheet
50Kb / 2P
Legacy 1 kHz to 1000 MHz
NMA2108-A1E MICRONETICS-NMA2108-A1E Datasheet
50Kb / 2P
Legacy 1 kHz to 300 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com