Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UML6N Datasheet(PDF) 2 Page - Micro Commercial Components

Part # UML6N
Description  ISOLATED TRANSISTOR AND DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UML6N Datasheet(HTML) 2 Page - Micro Commercial Components

  UML6N Datasheet HTML 1Page - Micro Commercial Components UML6N Datasheet HTML 2Page - Micro Commercial Components UML6N Datasheet HTML 3Page - Micro Commercial Components UML6N Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCC
UML6N
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
2 of 4
Electrical characteristics (Ta=25
°C)
Di1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF
−
0.40
0.50
V
IF
=200mA
Forward voltage
Reverse current
IR
−
4.0
30
µAVR=10V
Tr2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=10V, IE=0mA, f=1MHz
Transition frequency
fT
−
320
−
MHz
VCE
=2V, IE=−10mA, f=100MHz
BVCEO
12
−−
V
IC
=1mA
Collector-emitter breakdown voltage
BVCBO
15
−−
V
IC
=10µA
Collector-base breakdown voltage
BVEBO
6
−−
V
IE
=10µA
Emitter-base breakdown voltage
ICBO
−−
100
nA
VCB
=15V
Collector cut-off current
IEBO
−−
100
nA
VEB
=6V
Emitter cut-off current
VCE(sat)
−
90
250
mV
IC
=200mA, IB=10mA
Collector-emitter saturation voltage
hFE
270
−
680
−
VCE
=2V, IC=10mA
DC current gain
Cob
−
7.5
−
pF
Collector output capacitance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com