Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

080-8032-302 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 080-8032-302
Description  Kotron짰 Tip Sensitive RF Level Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

080-8032-302 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  080-8032-302 Datasheet HTML 1Page - Magnetrol International, Inc. 080-8032-302 Datasheet HTML 2Page - Magnetrol International, Inc. 080-8032-302 Datasheet HTML 3Page - Magnetrol International, Inc. 080-8032-302 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Kotron®
Tip Sensitive
RF Level Sensor
DESCRIPTION
Kotron Tip Sensitive Level controls can be utilized in
liquid or bulk material applications. There are no moving
parts in contact with the medium. These units are integral
systems with the sensing probe mounted with the
electronics.
FEATURES
• Integral NEMA 4X/7/9 aluminum enclosures
•Probe length can be field modified from 14" (356 mm)
standard length to a minimum of 4" (100 mm)
• 316 stainless steel probe
• Maximum pressure up to 3000 psig @ +100° F
(205 Bar @ +40° C)
• Dielectric constant as low as 2.0
•5 amp SPST relay
• Field selectable fail-safe jumper wire
APPLICATION
Economical solution for integral point sensor in:
• Liquids
• Slurries
•Dry bulk material
TECHNOLOGY
As material covers the probe, there is a change in the
dielectric of the material surrounding the probe. This
creates an increase in capacitance which is detected by
the electronics and converted into a relay activation.
When the probe is uncovered, the capacitance is reduced
and the relay is reset.


Similar Part No. - 080-8032-302

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
080-00-00-100 GLENAIR-080-00-00-100 Datasheet
236Kb / 2P
Stainless Steel Jackpost Kits Standard Hex, Rear Panel or Rear Panel PCB
080-00-00-101 GLENAIR-080-00-00-101 Datasheet
236Kb / 2P
Stainless Steel Jackpost Kits Standard Hex, Rear Panel or Rear Panel PCB
080-00-00-1XX GLENAIR-080-00-00-1XX Datasheet
236Kb / 2P
Stainless Steel Jackpost Kits Standard Hex, Rear Panel or Rear Panel PCB
080-00-00-502 GLENAIR-080-00-00-502 Datasheet
257Kb / 1P
Stainless Steel Jackscrew Kits
080-00-00-503 GLENAIR-080-00-00-503 Datasheet
257Kb / 1P
Stainless Steel Jackscrew Kits
More results

Similar Description - 080-8032-302

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
Kotron짰 RF Point Level Switches
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
Kotron짰 Model 82 CE RF Level Transmitter
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
Kotron짰 Sentinel Model 804 RF Level Transmitter
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
Kotron짰 Sentinel II Model 804 RF Level Transmitter
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
Kotron짰 Model 805 Smart RF Level Transmitter
805-501A-111 MAGNETROL-805-501A-111 Datasheet
757Kb / 36P
KOTRON짰 MODEL 805 SMART RF LEVEL TRANSMITTER
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
Kotron짰 Model 810 RF Point Level Sensor
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
Kotron짰 Model 810 RF Point Level Switch
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
Kotron짰 Model 811 RF Point Level Switch
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
Kotron짰 Model 811 RF Point Level Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com