| Electronic Components Datasheet Search |
|
805212302 Datasheet(PDF) 17 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
805212302 Datasheet(HTML) 17 Page - Magnetrol International, Inc. |
|
17 / 28 page ![]() 50-605 Kotron RF Point Model 80/81 Level Switches 14 4. Turn the zero adjustment counterclockwise until the LED indicator goes off (the relay will change state), then turn the control slowly in the clockwise direction until the indi- cator again comes on. Repeat this on-off operation several times and leave the LED indicator OFF. This completes the zero calibration of the wide differential point. Prior to increasing the level of material in the tank to the span point, turn the span control twenty full turns CCW. THE LED CALIBRATION INDICATOR WILL REMAIN OFF. 6. Raise the level of the material in the vessel to the desired high level set point. 7. Slowly rotate the span adjustment in a CW direction until the LED calibration indicator turns ON. The relay will change state and the wide differential span is now calibrated. Do not change setting after LED is ON. NOTE: A second span adjustment check can be made by moving the span adjustment two (2) turns CCW, then removing the probe (P) wire momentarily to break the contact. With the probe reconnected, slowly turn the span adjustment screw in CW direction until the LED calibration indicator again comes ON. 2.8.6 Time Delay Adjustment 2.8.6.1 Narrow Differential Only Narrow differential amplifiers are equipped with an adjustable (0 to 3 sec) time delay. With the time delay calibration fully CCW, the delay is at minimum and in the fully CW position, it is at maximum. On standard units, the delay is effective on rising level, i.e., as the material level goes above the set point, a time delay will occur between the LED indicator coming ON and the relay operating and will eliminate contact chatter in agitated fluids. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |