Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

082-8003-404 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 082-8003-404
Description  RF Level Transmitter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

082-8003-404 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  082-8003-404 Datasheet HTML 1Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 2Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 3Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 4Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 5Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 6Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 7Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 8Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
50-613 Kotron Series 82 CE RF Level Transmitter
2
1.3
Installation Location
Kotron RF Transmitters should be located for easy access
for service, calibration and monitoring. Units should not
be exposed to ambient temperatures below -40° F (-40° C)
or above +160° F (+70° C). Special precaution should be
made to prevent exposure to corrosive atmosphere, exces-
sive vibration, shock or physical damage.
Caution: This unit contains CMOS electronics which may be
damaged by static electricity. Do not touch any
semi-conductor
devices
unless
you
are
properly
grounded.
1.4
Mounting
The Series 82 CE transmitter can be mounted to a tank
using a variety of process connections.
Make sure all mounting connections are properly in place
on the tank before installing the probe. Make sure the
Kotron probe is correct for the intended installation.
It is common practice to use the metal tank wall as the
reference electrode. In such cases, it is required that the
probe housing makes a good electrical connection to the
tank wall. If there is any doubt about this connection or
to the use of PTFE thread tape gaskets, paint, rust, or any
other reason, a separate strap should be installed between
the probe housing and the tank.
Caution: This unit contains CMOS electronics which may be
damaged by static electricity. Do not touch any semi-
conductor devices unless you are properly grounded.
Caution: When a probe is used in an abrasive medium, inspect the
probe periodically for visible surface wear. If damage to
the probe insulation is found, replace the probe.
1.4.1 Metal Walled Tanks
On water-based liquids, there should be no problem with
sensitivity. With non-conductive, low dielectric media,
sensitivity can be enhanced by locating the probe close to
and parallel with the tank wall. If this is not practical, a
ground reference probe may be the solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com