| Electronic Components Datasheet Search |
|
345 Datasheet(PDF) 2 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
345 Datasheet(HTML) 2 Page - Magnetrol International, Inc. |
|
2 / 8 page ![]() 2 N on-contact ultrasonic level technology is a proven method for accurate liquid level meas- urement. Process control instruments utilizing this technology sense and measure liquid level, volume, or open channel flow without making physical contact with the liquid itself. This offers distinct advantages over many contact technologies in applications where corrosive media, suspended solids, changing media characteristics, or coating media are present. M Me ea assu urriin ng g w wiitth h U Ullttrra asso ou un nd d Two components make up a typical non-contact ultrasonic measurement device: the transmitter, or electronics; and the trans- ducer, or sensor. A piezo- electric crystal within the transducer converts electrical signals generated by the transmitter into a series of ultrasonic pulses. Under ideal conditions, these pulses are transmitted through free air at the speed of sound until they come into contact with the liquid surface where they are reflected back to the transducer. The transmitter’s electronics then measures the pulse’s round- trip time and digitally processes the information to indicate liquid level. A trans- mitter programmed with a vessel’s geometry can calcu- late the liquid volume of a vessel. A transmitter pro- grammed to convert the level reading into units of volume per time can meas- ure the liquid flow rate in an open channel. A Assssu urriin ng g S Siig gn na all IIn ntte eg grriitty y In the real world of process management, an ultra- sonic signal launched into free air is vulnerable to distortion from many sources. Unless safeguards are taken by mechanical means or advanced signal processing, non-contact measurement can be greatly compromised. The most obvious form of inter- ference are the physical structures inside of a vessel—pipes, ladders, struts, agitator blades, or irregular tank geometry. All of these can fall within the path of the ultrasonic beam to com- promise the signal. The greater the distance from the transducer, the wider the beam spreads, thereby increasing the like- lihood that a “false target” will enter the beam’s path. At 2 feet from the trans- ducer, a typical ultrasonic beam may be less than 6 inches in diameter; but at 35 feet from the transducer the conical shaped beam will expand to a diameter of 7 feet. Magnetrol’s 335, 355, 344 and 345 transmitters have a False Target Rejection feature which filters out obstructions that may lie within the path of the beam. By entering the locations of the obstruc- tions into the transmitter’s false target memory, the user can program out the erroneous targets. As an additional measure to assure instru- ment integrity, Magnetrol transmitters feature a self- diagnostics capability which continuously checks all relays, outputs and the overall function of the trans- ducer and electronics. Ambient temperature can also have a significant effect on the accuracy of a non-contact ultrasonic transmitter. As temperature decreases, air becomes Non-Contact Ultrasonic Level Measurement The Transmitter houses the electronics for signal processing and control outputs. Depending on the model, transmitters can be mounted either integrally or remotely. The Transducer is located inside the vessel. It transmits and receives the ultrasonic signals. Ultrasound 101: The Basics |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |