Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301-R010-400 Datasheet(PDF) 28 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 28 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 24Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 25Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 26Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 27Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 28Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 29Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 30Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 31Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 32Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
The serial communication for the Model 300/301 is designed
to communicate with a host computer over two wires in a
multidrop system.
Each transmitter in the system is assigned a unique address
that the computer uses to communicate with that transmitter.
COMMAND/RESPONSE SEQUENCE
The system uses half duplex communication with the host
computer acting as the master and the 300/301 transmitters
acting as the slaves. The 300/301 transmitter is designed for
1 master computer and up to 32* slaves. Each slave has a
unique address between 1 and 247 associated with it. The
address is used to wake up the transmitter and interrogate it
for data.
The host will send down a command to the unit using the
address to wake it up. The unit will then analyze the com-
mand and retrieve the appropriate data. After sending back
a response, the unit will return to the sleep mode.
Only the host computer can issue a command. Each com-
mand contains the unit address, the function code, the data,
and the error checking valve. Magnetrol products support
the CRC error checking valve.
*See cable requirements for the maximum number of units allowed
for intrinsically safe operation.
The Modbus data in the Model 300/301 is arranged in inte-
ger register, floating point registers, and status bits. The
assignments for these registers are found in the tables on
pages 30 and 31. Function codes 03, 04, 06, and 16 are used
with integer registers.
Function codes 01, 02, 05, and 15 are used with status bits.
Both integer and floating-point registers have space
reserved to reorder the registers for maximum communica-
tion throughput.
A complete description of all the preceding commands,
except floating point, can be found in Modicon Modbus
Protocol Reference Guide, document number PI-MBUS-300
Rev J.
INTEGER REGISTERS
Integer registers are the most commonly used type of
Modbus data and are supported by most Modbus hosts. In
the Magnetrol implementation, the Modbus registers are
arranged in one of the following four formats:
1. Integer Data: A scaled number from 0 to the maximum
Modbus integer.
2. Character Data: Two ASCII characters per 16-bit regis-
ter (i.e., date, password).
3. Coded Data: Multiple choice configuration data chosen
from a coded list.
4. Packed Bits: Register form of 16 packed single bits
The integer, character, and coded data registers contain all of
the information needed to configure and read process data.
Any integer register may be read with function code 03 or
function code 04. These same registers may be written one
at a time with function code 06 or multiple registers can be
written with function code 16.
FUNCTIONS AND DATA FORMAT
PROGRAMMING
RXD/TXD +
RXD/TXD –
Figure 17
Command from Host
Response from Transmitter
• Transmitter Address
• Function Code
• Data Bytes
• Error Check
• Transmitter Address
• Function Code
• Data Bytes
• Error Check
Response to Host
Command to Transmitter
Figure 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com