Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3F60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3F60
Description  General Purpose Rectifiers(600V 3A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3F60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D3F60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3F60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3F60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3F60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D3F60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D3F60
600V 3A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
■ OUTLINE DIMENSIONS
Case :
(Unit : mm)
RATINGS
Case : 2F
SHINDENGEN
● Conventional Rectification
● Power source(Power Supply)
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
APPLICATION
● High reliability with superior moisture
resistance
● Applicable to Automatic Insertion
FEATURES
General Purpose Rectifiers
Single
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load Tl=80℃
3
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
150
A
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=3A,
Pulse measurement
Max.1.05
V
Reverse Current
IR
VR=VRM, Pulse measurement
Max.10
μA
θjl
junction to lead
Max.23
Thermal Resistance
θja
junction to ambient,
On alumina substrate
Max.80
℃/W
junction to ambient,
On glass-epoxy substrate
Max.115


Similar Part No. - D3F60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3F60-4063 SHINDENGEN-D3F60-4063 Datasheet
307Kb / 3P
Surface Mounting Device Single Diode
D3F60-4073 SHINDENGEN-D3F60-4073 Datasheet
307Kb / 3P
Surface Mounting Device Single Diode
D3F60-4103 SHINDENGEN-D3F60-4103 Datasheet
307Kb / 3P
Surface Mounting Device Single Diode
D3F60-5063 SHINDENGEN-D3F60-5063 Datasheet
307Kb / 3P
Surface Mounting Device Single Diode
D3F60-5073 SHINDENGEN-D3F60-5073 Datasheet
307Kb / 3P
Surface Mounting Device Single Diode
More results

Similar Description - D3F60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1F60 SHINDENGEN-D1F60 Datasheet
322Kb / 6P
General Purpose Rectifiers(600V 1A)
D1N60 SHINDENGEN-D1N60 Datasheet
300Kb / 5P
General Purpose Rectifiers(600V 1A)
D25XB60 SHINDENGEN-D25XB60 Datasheet
304Kb / 6P
General Purpose Rectifiers(600V 25A)
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
General Purpose Rectifiers(600V 4A)
D4F60 SHINDENGEN-D4F60 Datasheet
339Kb / 7P
General Purpose Rectifiers(600V 4A)
D5SB60 SHINDENGEN-D5SB60 Datasheet
325Kb / 6P
General Purpose Rectifiers(600V 6A)
D5SBA60 SHINDENGEN-D5SBA60 Datasheet
275Kb / 5P
General Purpose Rectifiers(600V 6A)
LN4SB60 SHINDENGEN-LN4SB60 Datasheet
338Kb / 6P
General Purpose Rectifiers(600V 4A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
General Purpose Rectifiers(600V 1A)
S1YB60 SHINDENGEN-S1YB60 Datasheet
283Kb / 5P
General Purpose Rectifiers(600V 0.4A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com