Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA322SAIDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA322SAIDBVT
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA322SAIDBVT Datasheet HTML 1Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 2Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 3Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538C
– JANUARY 2011 – REVISED NOVEMBER 2011
20-MHz, Low-Noise, 1.8-V, RRI/O,
CMOS Operational Amplifier with Shutdown
Check for Samples: OPA322, OPA322S, OPA2322, OPA2322S, OPA4322, OPA4322S
1
FEATURES
DESCRIPTION
The OPA322 series consists of single, dual, and
23
•
Gain Bandwidth: 20 MHz
quad-channel CMOS operational amplifiers featuring
•
Low Noise: 8.5 nV/
√Hz at 1 kHz
low noise and rail-to-rail inputs/outputs optimized for
•
Slew Rate: 10 V/
μs
low-power, single-supply applications. Specified over
a wide supply range of 1.8 V to 5.5 V, the low
•
Low THD+N: 0.0005%
quiescent current of only 1.5 mA per channel make
•
Rail-to-Rail I/O
these
devices
well-suited
for
power-sensitive
•
Offset Voltage: 2 mV (max)
applications.
•
Supply Voltage: 1.8 V to 5.5 V
The combination of very low noise (8.5 nV/
√Hz at
•
Supply Current: 1.5 mA/ch
1 kHz), high gain-bandwidth (20 MHz), and fast slew
rate (10 V/
μs) make the OPA322 family ideal for a
– Shutdown: 0.1 μA/ch
wide
range
of
applications,
including
signal
•
Unity-Gain Stable
conditioning and sensor amplification requiring high
•
Small Packages:
gains. Featuring low THD+N, the OPA322 series is
also
excellent
for
consumer
audio
applications,
– SOT23, DFN, MSOP, TSSOP
particularly for single-supply systems.
APPLICATIONS
The OPAx322S models include a shutdown mode
allowing the amplifiers to be switched from normal
•
Sensor Signal Conditioning
operation to a standby current that is typically less
•
Consumer Audio
than 0.1
μA.
•
Multi-Pole Active Filters
The OPA322 (single version) is available in SOT23-5
•
Control-Loop Amplifiers
and SOT23-6, while the OPA2322 (dual version) is
•
Communications
offered in MSOP-8, MSOP-10, SO-8, and DFN-8
packages. The quad versions OPA4322 come in
•
Security
TSSOP-14 and TSSOP-16 packages. All versions are
•
Scanners
specified for operation from
–40°C to +125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FilterPro is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA322SAIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322SAIDBVT TI1-OPA322SAIDBVT Datasheet
1Mb / 29P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322SAIDBVT TI1-OPA322SAIDBVT Datasheet
1Mb / 38P
CMOS Operational Amplifier with Shutdown
OPA322SAIDBVT TI2-OPA322SAIDBVT Datasheet
2Mb / 61P
OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
REVISED DECEMBER 2016
OPA322SAIDBVT.A TI2-OPA322SAIDBVT.A Datasheet
2Mb / 61P
OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
REVISED DECEMBER 2016
More results

Similar Description - OPA322SAIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com