Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-LED Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-LED
Description  LIGHT FOR MOTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LED Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-LED Datasheet HTML 1Page - IC-Haus GmbH IC-LED Datasheet HTML 2Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
iC-LED
LIGHT FOR MOTION
Am Kuemmerling 18 • D - 55294 Bodenheim, Germany
Phone: +49 (6135) 9292-300 • Fax: +49 (6135) 9292-192 • http://www.ichaus.com
Features & Applications
Optimized irradiance pattern
High operating temperature range of -40 to 125 °C
Illumination for high resolution optical encoders
Modulated light barriers
Optical distance metering applications
iC-Haus LEDs with their outstanding characteristics have been
developed for optical encoder applications, where excellent
beam quality is required for high contrast ratio.
Those LEDs can also be used in optical distance meters and
modulated light barriers which benefit from high speed
switching characteristics.
The robust IR-LED light source provides excellent performance
regarding high temperature operation and long term reliability.
Key Specifications
iC-SG85 SG1C
iC-SN85 SN1C
iC-SD85 SD2C-2
iC-SD85 SD1C
iC-TL85 TO46-2F
iC-TL85 TO46-2L1
Forward Voltage (@ 20 mA)
typ. 1.4 V
Radiant Power (@ 20 mA)
typ. 2.7 mW
typ. 5.4 mW
typ. 4.5 mW
typ. 1.8 mW
typ. 2.7 mW
typ. 1.8 mW
Peak Wavelength
typ. 850 nm
Illumination Spot Size
typ. 8 mm
typ. 6 mm
-
typ. 3.4 mm
-
typ. 3.4 mm
Switching Time
typ. 12 ns
Forward Current (DC)
100 mA max.
Operating Ambient
Temperature Range
-40 to +125 °C
-40 to +125 °C
-25 to +125 °C
-40 to +125 °C
-40 to +125 °C
-40 to +125 °C
Storage Temperature Range
-40 to +125 °C
-40 to +125 °C
-25 to +125 °C
-40 to +125 °C
-40 to +125 °C
-40 to +125 °C
Power Dissipation (@ 20 °C)
150 mW max.
Application Example


Similar Part No. - IC-LED

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LA ICHAUS-IC-LA Datasheet
234Kb / 8P
64X1 LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
IC-LF1401 ETC1-IC-LF1401 Datasheet
331Kb / 9P
128x1 Linear Image Sensor
logo
IC-Haus GmbH
IC-LF1401 ICHAUS-IC-LF1401 Datasheet
324Kb / 10P
128x1 LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
IC-LFCHIP ETC1-IC-LFCHIP Datasheet
331Kb / 9P
128x1 Linear Image Sensor
logo
IC-Haus GmbH
IC-LFH ICHAUS-IC-LFH Datasheet
1Mb / 14P
HIGH-RESOLUTION LINEAR IMAGE SENSORS
More results

Similar Description - IC-LED

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-SG85SG1C ICHAUS-IC-SG85SG1C Datasheet
294Kb / 2P
LIGHT FOR MOTION
logo
Analog Devices
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
Motion Coprocessor
REV. B
logo
Level One
FCS-0020 LVL1-FCS-0020 Datasheet
171Kb / 3P
Triple Streaming for MPEG4, Motion-JPEG
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
External Interrupt Output for Motion Detection
logo
ams AG
N50P111 AMSCO-N50P111 Datasheet
1Mb / 32P
Configurable interrupt output for motion detection
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
Motion SPM
February 2017 Rev. 1.2
logo
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
Motion Controller Board for PCI Express
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
Economical Motion Controllers for Stepper Motors
logo
New Scale Technologies,...
M3-L NEWSCALE-M3-L Datasheet
273Kb / 2P
Smart Module for Precision Motion
01-13-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com