Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLJ Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # ZLJ
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZLJ Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  ZLJ Datasheet HTML 1Page - RUBYCON CORPORATION ZLJ Datasheet HTML 2Page - RUBYCON CORPORATION ZLJ Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PET Sleeve
Code
Blank
Case Size
(hrs) Life Time
6.3V.DC 10∼50V.DC
φD≦6.3
φD≧12.5
10×16,10×20,10×25
8×11.5
10×12.5
8×16,8×20
63∼100V.DC
10000
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ
SERIES
ZLJ
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
6.3∼100V.DC
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.     (After 2 minutes)
Rated Voltage
tanδ
0.19
10
0.22
6.3
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
80
0.08
100
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.(6.3V,10V:±30%)
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below,
the capacitors shall meet the following requirements.
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃,
120Hz)
(120Hz)
105℃ Miniaturized, Long Life, Low impedance, High ripple.
◆FEATURES
・Load Life : 105℃ 6000∼10000 hours.
・RoHS compliance.
Rated Voltage
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
3
10
3
16
3
25
3
35
3
50
2
3
6.3
22
2
2
2
3
63
2
3
80
2
3
100
2
◆PART NUMBER
□□□
Rated Voltage
ZLJ
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
M
Capacitance Tolerance
0.50
0.73
0.92
1.00
0.55
0.77
0.94
1.00
330∼680μF
0.42
0.70
0.90
1.00
47∼270μF
1.00
8.2∼33μF
0.60
0.80
0.96
0.70
0.85
0.98
1.00
820∼1800μF
2200∼8200μF
(mm)
◆DIMENSIONS
φD
φd
F
α
5
0.5
2.0
6.3
2.5
8
3.5
L≦16 : α=1.5 L≧20 : α=2.0
10 12.5 16
18
0.6
0.8
5.0
7.5
6000
8000
9000
9000
7000
9000
9000
10000
6000
8000
9000
9000
◆OPTION
(Hz)Frequency
120
1k
10k
100k≦
Coefficient
I=(μA)
Leakage Current
Rated Capacitance
C=(μF)
Rated Voltage
V=(V)
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)


Similar Part No. - ZLJ

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
ZLJ-200A DONGYA-ZLJ-200A Datasheet
233Kb / 1P
DC Contactor
ZLJ-200A-120S DONGYA-ZLJ-200A-120S Datasheet
233Kb / 1P
DC Contactor
ZLJ-200A-12S DONGYA-ZLJ-200A-12S Datasheet
233Kb / 1P
DC Contactor
ZLJ-200A-24S DONGYA-ZLJ-200A-24S Datasheet
233Kb / 1P
DC Contactor
ZLJ-200A-30S DONGYA-ZLJ-200A-30S Datasheet
233Kb / 1P
DC Contactor
More results

Similar Description - ZLJ

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com