Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLK Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # ZLK
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZLK Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  ZLK Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
◆DIMENSIONS
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLK
SERIES
ZLK
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
10∼35V.DC
±20%
(20℃,
120Hz)
I=0.01CV (After 2 minutes)
Rated Voltage
tanδ
0.19 0.16
10
0.14
16
0.12
25
35
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below,
the capacitors shall meet the following requirement.
(20℃,
120Hz)
(120Hz)
105℃ Ultra High Ripple, Low Impedance.
◆FEATURES
・Load Life: 105℃ 4000∼5000hours.
・RoHS compliance.
Rated Voltage
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
10
2
3
16
2
3
25
2
3
35
2
3
◆PART NUMBER
□□□
Rated Voltage
ZLK
Series
□□□
Option
□□□
Lead Forming
D×L
Case Size
□□□
Rated Capacitance
M
Capacitance Tolerance
φD
φd
F
8
0.6
α
L≦16:α=1.5 L≧20:α=2.0
3.5
10
5.0
(mm)
Case Size
8×16, 8×20
10×12.5
10×16,10×20
10×25
(hrs)
Life Time
4000
5000
2050
2190
2380
2550
2880
3160
0.059
0.053
0.041
0.038
0.028
0.024
0.18
0.16
0.13
0.12
0.084
0.072
8×16
10×12.5
8×20
10×16
10×20
10×25
◆STANDARD SIZE Size φDXL(mm) Ripple current(mA r.m.s./105℃,100kHz),Impedance(Ω Max/100kHz)
WV
(V.DC)
10
(1A)
Cap
(μF)
Size
(φDxL) Ripple
Impedance
20℃ -10℃
680
680
1000
1000
1500
1800
2050
2190
2380
2550
2880
3160
0.059
0.053
0.041
0.038
0.028
0.024
0.18
0.16
0.13
0.12
0.084
0.072
8×16
10×12.5
8×20
10×16
10×20
10×25
WV
(V.DC)
16
(1C)
Cap
(μF)
Size
(φDxL) Ripple
Impedance
20℃ -10℃
470
560
680
820
1200
1500
2050
2190
2380
2550
2880
3160
2050
2190
2380
2550
2880
3160
0.059
0.053
0.041
0.038
0.028
0.024
0.059
0.053
0.041
0.038
0.028
0.024
0.18
0.16
0.13
0.12
0.084
0.072
0.18
0.16
0.13
0.12
0.084
0.072
8×16
10×12.5
8×20
10×16
10×20
10×25
8×16
10×12.5
8×20
10×16
10×20
10×25
WV
(V.DC)
25
(1E)
35
(1V)
Cap
(μF)
Size
(φDxL) Ripple
Impedance
20℃ -10℃
330
390
470
560
820
1000
220
220
270
330
470
560
◆OPTION
I=(μA)
Leakage Current
Rated Capacitance
C=(μF)
Rated Voltage
V=(V)
(Hz)
Frequency
Coefficient
120
1k
10k
100k≦
0.30
0.70
0.90
1.00
PET Sleeve
Code
Blank
L+αMAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)


Similar Part No. - ZLK

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZLK38AVS MICROSEMI-ZLK38AVS Datasheet
420Kb / 2P
ZLK38AVS Microsemi AcuEdge??Development Kit for Amazon AVS
1.0. 5/17
More results

Similar Description - ZLK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com