Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8S2TH06FP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 8S2TH06FP
Description  Hyperfast Rectifier, 8 A FRED Pt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8S2TH06FP Datasheet(HTML) 3 Page - Vishay Siliconix

  8S2TH06FP Datasheet HTML 1Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 2Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 3Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 4Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 5Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 6Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94553
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VS-8S2TH06FP
Hyperfast Rectifier, 8 A FRED Pt®
Vishay Semiconductors
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop-V
FM
(V)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
1
10
100
Tj = 25°C
Tj = 125°C
Tj = 175°C
Tj = 150°C
Reverse Voltage-V
R (V)
0
100
200
300
400
500
600
0.001
0.01
0.1
1
10
100
1000
25°C
125°C
150°C
175°C
Reverse Voltage-V
R
(V)
0
100
200
300
400
500
600
1
10
100
t1,Rectangular Pulse Duration (Seconds)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
1E+02
1E+03
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.02
D = 0.05
D = 0.1
D = 0.5
D = 0.2
D = 0.01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com