Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

810-0105-D01 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # 810-0105-D01
Description  Kotron짰 Model 810 RF Point Level Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

810-0105-D01 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  810-0105-D01 Datasheet HTML 1Page - Magnetrol International, Inc. 810-0105-D01 Datasheet HTML 2Page - Magnetrol International, Inc. 810-0105-D01 Datasheet HTML 3Page - Magnetrol International, Inc. 810-0105-D01 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M O D E L
N U M B E R
3
P R O B E L E N G T H v s .
D I E L E C T R I C C O N S T A N T
If the geometry of your application requires a probe shorter
than 12" (305 mm) of active length, consult the chart below
to determine the minimum dielectric constant in which it can
be used.
Minimum required dielectric constant of material
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
4
5
6
7
8
9
10
11
12
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP).
810
Kotron RF Capacitance Level Switch
810
HOUSING
INPUT POWER
BASIC MODEL
PROBE
D I M E N S I O N A L
S P E C I F I C A T I O N S
I N C H E S
( m m )
6" (152)
Guard length
12" (305)
or
30" (762)
Active length
18" (455)
or
36" (915)
2.75
(70)
3/4" NPT
3/4" NPT
Conduit
connection
4.63
(118) Dia.
4.11
(104)
Rotation clearance 3.44 (87)
3/4" NPT
plugged
0
120 VAC
1
240 VAC
2
24 VDC
3
12 VDC
1
18" (455 mm) guarded probe
2
36" (915 mm) guarded probe
D
NEMA 4X/7/9 Groups C & D, aluminum,
3⁄4" NPT conduit
Y
NEMA 4X/7/9 Groups C & D, 316 SS,
3⁄4" NPT conduit
0
00
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com