Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25TTS08STRLPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 25TTS08STRLPBF
Description  Surface Mountable Phase Control SCR, 16 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25TTS08STRLPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  25TTS08STRLPBF Datasheet HTML 1Page - Vishay Siliconix 25TTS08STRLPBF Datasheet HTML 2Page - Vishay Siliconix 25TTS08STRLPBF Datasheet HTML 3Page - Vishay Siliconix 25TTS08STRLPBF Datasheet HTML 4Page - Vishay Siliconix 25TTS08STRLPBF Datasheet HTML 5Page - Vishay Siliconix 25TTS08STRLPBF Datasheet HTML 6Page - Vishay Siliconix 25TTS08STRLPBF Datasheet HTML 7Page - Vishay Siliconix 25TTS08STRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94383
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 09-Jun-10
VS-25TTS...SPbF High Voltage Series
Vishay Semiconductors
Surface Mountable
Phase Control SCR, 16 A
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
0
5
10
15
20
25
04
8
12
16
20
RMSLimit
Conduc tion Angle
Avera ge On-state Current (A)
180°
120°
90°
60°
30°
T = 125°C
J
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
DC
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Period
Avera ge On-sta te Current (A)
T = 125°C
J
150
200
250
300
350
110
100
Number Of Equal Amplitude Half Cyc le Current Pulses(N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
100
150
200
250
300
350
400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Cond uc tion Ma y Not Be Ma inta ined.
Initia l T = 125°C
No Voltage Rea pp lied
Rated V
Reapp lied
RRM
J
1
10
100
1000
01
2
3
45
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com