Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

961 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 961 Datasheet HTML 5Page - Magnetrol International, Inc. 961 Datasheet HTML 6Page - Magnetrol International, Inc. 961 Datasheet HTML 7Page - Magnetrol International, Inc. 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. 961 Datasheet HTML 10Page - Magnetrol International, Inc. 961 Datasheet HTML 11Page - Magnetrol International, Inc. 961 Datasheet HTML 12Page - Magnetrol International, Inc. 961 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
51-650 Echotel SIL Safety Manual
5.6.3 Malfunction Test Push Button
The malfunction test push button is used to manually test
the SPDT malfunction relay and whatever is connected to
the relay. Pressing and holding this push button for 2 seconds
causes the SPDT relay to de-engage, indicating a fault
condition. The malfunction test push button is an option
for both the Model 961 and Model 962 in line-powered
configuration only.
5.6.4 High/Low DIP Switch
The Hi/Lo DIP switch is used to select whether the switch
is used as a high-level fail-safe or a low-level fail-safe switch.
See Section 2.5 of the Echotel Model 961/962 Ultrasonic
Single and Dual Point Level Switches Installation and
Operating Manual (Bulletin 51.646) for high/low DIP
switch configuration tables.
5.6.5 Independent/Joint DIP Switch
The I/J DIP switch is used to configure the SPDT malfunc-
tion relay to act independently or jointly with the DPDT
process-level relay. In the factory-set I position, the SPDT
and DPDT relays act independent of each other. In the
J position, both the SPDT and DPDT relays will de-engage
when a fault is detected. The I/J DIP switch is an option for
the Model 961 in line-powered configuration only.
5.6.6 Loop Test Push Button
The loop test push button is used to manually test the loop
current output. For Model 961, pressing the loop test push
button reverses the output from 8 mA to 16 mA or from
16 mA to 8 mA. For Model 962, pressing the loop test push
button changes the output from 8 mA to 12 mA, 12 mA to
16 mA, or 16 mA to 8 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com