Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2P4M Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2P4M
Description  PLASTIC MOLDED THYRISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2P4M Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2P4M Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thyristors
INCHANGE
2P4M
PLASTIC MOLDED THYRISTOR
Features
・With TO-202 package
K A G
・1cathode 2 anode 3 gate
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
(note:RGK=1kΩ)
V
VRRM
Repetitive peak reverse voltage
400
(note:RGK=1kΩ)
V
IT(AV)
On-state current
2(Tc=77℃,θ=180
。
Single phase(1/2wave)
A
ITSM
Surge non-repetitive on-state current
20
A
PGM
Peak gate power dissipation
0.5 (f ≥50Hz, Duty ≤10%)
W
PG(AV)
Average gate power dissipation
0.1
W
IFGM
Peak gate forward current
0.2 (f ≥50Hz, Duty ≤10%)
A
VRGM
Peak gate reverse voltage
6
V
Tj
Junction temperature
-40 to + 125
℃
Electrical characteristics (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,Tj=125℃,RGK=1kΩ
100
μA
IDRM
Repetitive peak off-state current
VDM=VDRM,Tj=125℃,RGK=1kΩ
100
μA
VTM
On-state voltage
ITM=4A
1.8
V
IGT
Gate-trigger current
VDM=6V;RL=100Ω,RGK=1kΩ
100
μA
VGT
Gate-trigger voltage
VDM=6V;RL=100Ω,RGK=1kΩ
0.8
V
VGD
Gate non-trigger voltage
VDRM=1/2VDRM,Tj=125℃,RGK=1kΩ
0.2
V
IH
Holding current
VD=24V; RGK=1kΩ,ITM=4A
5
mA
Rth(j-c)
Thermal resistance
Junction to case
10
℃/W


Similar Part No. - 2P4M

ManufacturerPart #DatasheetDescription
logo
NEC
2P4M NEC-2P4M Datasheet
396Kb / 1P
2A PLASTIC MOLDED THYRISTOR
2P4M NEC-2P4M Datasheet
311Kb / 1P
Opto-Electronic Devices(NEPOC)
2P4M NEC-2P4M Datasheet
396Kb / 6P
2A PLASTIC MOLDED THYRISTOR
logo
Tiger Electronic Co.,Lt...
2P4M TGS-2P4M Datasheet
57Kb / 1P
Triacs sensitive gate
logo
Kwang Myoung I.S. CO.,L...
2P4M KISEMICONDUCTOR-2P4M Datasheet
4Mb / 1P
Thyristors
More results

Similar Description - 2P4M

ManufacturerPart #DatasheetDescription
logo
NEC
2P4M NEC-2P4M Datasheet
396Kb / 1P
2A PLASTIC MOLDED THYRISTOR
PH320 NEC-PH320 Datasheet
29Kb / 1P
PLASTIC MOLDED PIN PHOTO DIODE
2V5P4M NEC-2V5P4M Datasheet
653Kb / 6P
2.5 A PLASTIC MOLDED THYRISTOR
2P5M NEC-2P5M Datasheet
396Kb / 6P
2A PLASTIC MOLDED THYRISTOR
PH302 NEC-PH302 Datasheet
109Kb / 4P
PLASTIC MOLDED PIN PHOTO DIODE
logo
Kemet Corporation
S01PM5805K016A KEMET-S01PM5805K016A Datasheet
520Kb / 8P
Molded Plastic Cell Module
logo
Wolfgang Knap
KFO WK-KFO Datasheet
57Kb / 1P
PLASTIC MOLDED SM CLOCK-OSCILLATORS
logo
List of Unclassifed Man...
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
Molded ABS Plastic Cases
400-1542-GR ETC2-400-1542-GR Datasheet
46Kb / 2P
Molded ABS Plastic Cases
logo
Roithner LaserTechnik G...
CAX100 ROITHNER-CAX100 Datasheet
121Kb / 2P
Laser Diode Collimator, Molded Plastic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com