Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43CTQ080GSTRLP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 43CTQ080GSTRLP
Description  Schottky Rectifier, 2 x 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

43CTQ080GSTRLP Datasheet(HTML) 7 Page - Vishay Siliconix

  43CTQ080GSTRLP Datasheet HTML 1Page - Vishay Siliconix 43CTQ080GSTRLP Datasheet HTML 2Page - Vishay Siliconix 43CTQ080GSTRLP Datasheet HTML 3Page - Vishay Siliconix 43CTQ080GSTRLP Datasheet HTML 4Page - Vishay Siliconix 43CTQ080GSTRLP Datasheet HTML 5Page - Vishay Siliconix 43CTQ080GSTRLP Datasheet HTML 6Page - Vishay Siliconix 43CTQ080GSTRLP Datasheet HTML 7Page - Vishay Siliconix 43CTQ080GSTRLP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
Document Number: 95014
2
For technical questions concerning module products, contact: ind-modules@vishay.com
Revision: 31-Mar-09
Outline Dimensions
Vishay High Power Products
D2PAK, TO-262
DIMENSIONS FOR TO-262 in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Outline conform to JEDEC TO-262 except A1 (maximum), b
(minimum) and D1 (minimum) where dimensions derived the
actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
A1
2.03
3.02
0.080
0.119
b
0.51
0.99
0.020
0.039
b1
0.51
0.89
0.020
0.035
4
b2
1.14
1.78
0.045
0.070
b3
1.14
1.73
0.045
0.068
4
c
0.38
0.74
0.015
0.029
c1
0.38
0.58
0.015
0.023
4
c2
1.14
1.65
0.045
0.065
D
8.51
9.65
0.335
0.380
2
D1
6.86
8.00
0.270
0.315
3
E
9.65
10.67
0.380
0.420
2, 3
E1
7.90
8.80
0.311
0.346
3
e
2.54 BSC
0.100 BSC
L
13.46
14.10
0.530
0.555
L1
-
1.65
-
0.065
3
L2
3.56
3.71
0.140
0.146
(4)
(4)
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section B - B and C - C
Scale: None
Section A - A
(3)
E1
(3)
D1
E
B
A
A
A
c2
c
A1
Seating
plane
Lead tip
(3)
(2) (3)
(2)
A
E
(Datum A)
L1
L2
B
B
C
C
3
2
1
L
D
2 x e
3 x b2
3 x b
0.010
A
B
MM
Modified JEDEC outline TO-262
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com