Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF10LC20U Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # DF10LC20U
Description  Super Fast Recovery Rectifiers(200V 10A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DF10LC20U Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  DF10LC20U Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DF10LC20U Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DF10LC20U Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DF10LC20U Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd DF10LC20U Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd DF10LC20U Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DF10LC20U
DF10LC20U
200V 10A
200V 10A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
OUTLINE DIMENSIONS
Unit : mm
Unit : mm
RATINGS
RATINGS
SHINDENGEN
SHINDENGEN
Case : STO-220
Case : STO-220
●
● SMT
SMT
●
● Low noise
Low noise
●
● trr35ns
trr35ns
FEATURES
FEATURES
APPLICATION
APPLICATION
●
● Switching power supply
Switching power supply
●
● DC/DC converter
DC/DC converter
●
● Free Wheel
Free Wheel
●
● Home Appliances, Office Equipment
Home Appliances, Office Equipment
●
● Telecommunication, Factory Automation
Telecommunication, Factory Automation
Dual
Dual
Super Fast Recovery Rectifiers
Super Fast Recovery Rectifiers
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
200
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=127℃
10
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
80
A
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A,
Pulse measurement, Rating of per diode
Max.0.98
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Reverse Recovery Time
trr
IF=0.5A,  IR=1A,  Rating of per diode
Max.35
ns
Thermal Resistance
θjc
junction to case
Max.2
℃/W


Similar Part No. - DF10LC20U

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DF10LC20U ISC-DF10LC20U Datasheet
326Kb / 2P
Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC20U SHINDENGEN-DF10LC20U_17 Datasheet
433Kb / 4P
Super Fast Recovery Diode
More results

Similar Description - DF10LC20U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10L20U SHINDENGEN-D10L20U Datasheet
450Kb / 7P
Super Fast Recovery Rectifiers(200V 10A)
D10LC20U SHINDENGEN-D10LC20U Datasheet
454Kb / 7P
Super Fast Recovery Rectifiers(200V 10A)
D10LC20UR SHINDENGEN-D10LC20UR Datasheet
455Kb / 7P
Super Fast Recovery Rectifiers(200V 10A)
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
Super Fast Recovery Rectifiers(200V 15A)
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
Super Fast Recovery Rectifiers(200V 1A)
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
Super Fast Recovery Rectifiers(200V 2.5A)
D5LC20U SHINDENGEN-D5LC20U Datasheet
438Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
D8LC20U SHINDENGEN-D8LC20U Datasheet
443Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
SF10LC20U SHINDENGEN-SF10LC20U Datasheet
377Kb / 6P
Super Fast Recovery Rectifiers(200V 10A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
Super Fast Recovery Rectifiers(200V 5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com