Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWP19N10 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SWP19N10
Description  N-channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SWP19N10 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SWP19N10 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SWP19N10 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SWP19N10 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SWP19N10 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SWP19N10 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SWP19N10 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SWP19N10 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Features
■ High ruggedness
■ R
DS(ON) (Max 0.1Ω)@VGS=10V
■ Gate Charge (Typ 100nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This N-channel enhancement mode field-effect power transistor using SAMWIN
semiconductor’s advanced planar stripe, DMOS technology intended for battery
Operated systems like a DC-DC converter motor control , ups ,audio amplifier.
Also, especially designed to minimize R
DS(ON), low gate charge and high rugged
avalanche characteristics.
N-channel MOSFET
Absolute maximum ratings
Thermal characteristics
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
R
thjc
Thermal resistance, Junction to case
2.0
oC/W
R
thcs
Thermal resistance, Case to Sink
0.5
oC/W
R
thja
Thermal resistance, Junction to ambient
62.5
oC/W
Mar. 2011. Rev. 2.0
1/7
BV
DSS : 100V
I
D
: 17A
R
DS(ON) : 0.1 ohm
SW19N10
SAMWIN
1
2
3
1
2
3
1. Gate 2. Drain 3. Source
TO-252
1
2
3
TO-220
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
100
V
I
D
Continuous Drain Current (@T
C=25
oC)
17
A
Continuous Drain Current (@T
C=100
oC)
11
A
I
DM
Drain current pulsed
(note 1)
68
A
V
GS
Gate to Source Voltage
± 25
V
E
AS
Single pulsed Avalanche Energy
(note 2)
215
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
7.5
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
6.0
V/ns
P
D
Total power dissipation (@T
C=25
oC)
62.5
W
Derating Factor above 25oC
0.5
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Item
Sales Type
Marking
Package
Packaging
1
SW P 19N10
SW19N10
TO-220
TUBE
2
SW D 19N10
SW19N10
TO-252
REEL
Order Codes


Similar Part No. - SWP19N10

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWP100N03 SEMIPOWER-SWP100N03 Datasheet
509Kb / 5P
N-channel MOSFET
SWP10N60 SEMIPOWER-SWP10N60 Datasheet
799Kb / 7P
N-channel MOSFET
logo
VBsemi Electronics Co.,...
SWP10N60 VBSEMI-SWP10N60 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Xian Semipower Electron...
SWP10N65 SEMIPOWER-SWP10N65 Datasheet
763Kb / 7P
N-channel MOSFET
logo
VBsemi Electronics Co.,...
SWP10N65 VBSEMI-SWP10N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - SWP19N10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com