Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80EPF06 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 80EPF06
Description  Fast Soft Recovery Rectifier Diode, 80 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80EPF06 Datasheet(HTML) 4 Page - Vishay Siliconix

  80EPF06 Datasheet HTML 1Page - Vishay Siliconix 80EPF06 Datasheet HTML 2Page - Vishay Siliconix 80EPF06 Datasheet HTML 3Page - Vishay Siliconix 80EPF06 Datasheet HTML 4Page - Vishay Siliconix 80EPF06 Datasheet HTML 5Page - Vishay Siliconix 80EPF06 Datasheet HTML 6Page - Vishay Siliconix 80EPF06 Datasheet HTML 7Page - Vishay Siliconix 80EPF06 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94106
4
Revision: 05-Jun-08
80EPF..PbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 80 A
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Recovery Time Characteristics, TJ = 25 °C
Fig. 9 - Recovery Time Characteristics, TJ = 150 °C
Fig. 10 - Recovery Charge Characteristics, TJ = 25 °C
Fig. 11 - Recovery Charge Characteristics, TJ = 150 °C
1000
10
1
0
1.5
3.0
Instantaneous Forward Voltage (V)
100
0.5
2.5
4.0
80EPF.. Series
T
J = 25 °C
T
J = 150 °C
1.0
2.0
3.5
0.22
0.04
0
40
120
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0.12
0.08
0.18
160
0.14
0.10
0.06
0.16
80
80EPF.. Series
T
J = 25 °C
I
FM = 1 A
I
FM = 10 A
I
FM = 20 A
I
FM = 40 A
I
FM = 125 A
I
FM = 80 A
0.20
0
0
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0.3
0.4
0.2
0.6
40
80EPF.. Series
T
J = 150 °C
I
FM = 1 A
I
FM = 10 A
I
FM = 20 A
I
FM = 40 A
I
FM = 80 A
0.5
0.1
0
0
80
120
200
dI/dt - Rate of Fall of Forward Current (A/µs)
3.0
1.0
2.0
4.0
160
40
80EPF.. Series
T
J = 25 °C
I
FM = 125 A
I
FM = 1 A
I
FM = 10 A
I
FM = 20 A
I
FM = 40 A
I
FM = 80 A
3.5
2.5
1.5
0.5
0
0
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
2
4
6
8
14
40
80EPF.. Series
T
J = 150 °C
I
FM = 80 A
I
FM = 40 A
I
FM = 20 A
I
FM = 10 A
I
FM = 1 A
10
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com