Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83CNQ080ASLPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 83CNQ080ASLPBF
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

83CNQ080ASLPBF Datasheet(HTML) 8 Page - Vishay Siliconix

  83CNQ080ASLPBF Datasheet HTML 1Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 2Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 3Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 4Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 5Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 6Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 7Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 8Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95354
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
For technical questions concerning module products, contact: ind-modules@vishay.com
3
Outline Dimensions
D-61-8, D-61-8-SM,
D-61-8-SL
Vishay High Power Products
DIMENSIONS FOR D 61-8-SL in millimeters (inches)
8.89 (0.350)
8.73 (0.344)
2.67 (0.105)
2.16 (0.085)
19.93 (0.785)
19.68 (0.775)
5.59 (0.220)
5.08 (0.200)
0.89 (0.035)
0.73 (0.029)
1.98 (0.078)
1.72 (0.068)
5.20 (0.205)
4.95 (0.195)
14° MIN. 14° MIN.
3.30 (0.130)
3.05 (0.120)
1.40 (0.055)
1.14 (0.045)
R0 0.508
(R 0.02)
5.97 (0.235)
5.71 (0.225)
DETAIL “A”
3.30 (0.130)
3.05 (0.120)
5°
1.04 (0.041)
0.84 (0.033)
R 0.51 (0.020)
R 0.76 (0.030)
5.33 (0.210)
3.97 (0.156)
3.68 (0.145)
2.41 (0.095)
2.16 (0.085)
0.89 (0.035)
0.73 (0.029)
10.79 (0.425) MAX.
19.93 (0.785)
19.68 (0.775)
16.13 (0.635)
15.88 (0.625)
14.22 (0.560)
13.71 (0.540)
1.98 (0.078)
1.72 (0.068)
(2 x)
10.16 (0.400) REF.
0.89 (0.035)
0.73 (0.029)
(2 x)
0.64 (0.025) REF.
(2 x)
8.89 (0.350)
8.73 (0.344)
3.97 (0.156)
3.68 (0.145)
5.59 (0.220)
5.08 (0.200)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com