Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD2000 Datasheet(PDF) 29 Page - Finechips

Part # FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Datasheet(HTML) 29 Page - Finechips

Back Button FD2000 Datasheet HTML 25Page - Finechips FD2000 Datasheet HTML 26Page - Finechips FD2000 Datasheet HTML 27Page - Finechips FD2000 Datasheet HTML 28Page - Finechips FD2000 Datasheet HTML 29Page - Finechips FD2000 Datasheet HTML 30Page - Finechips FD2000 Datasheet HTML 31Page - Finechips FD2000 Datasheet HTML 32Page - Finechips FD2000 Datasheet HTML 33Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
FD2000
Rev1.0
29/37
14. SAMPLE CORRESPONDENCE BETWEEN INSTRUCTIONS AND THE DISPLAY
LSB
Instruction (Hex)
MSB
No.
D40
to
D43
D44
to
D47
D48
to
D51
D52
to
D55
D56
to
D59
D60
to
D63
Display
Operation
Power application
1
(Initialization with the RESETB pin.)
Initializes the IC. The display is in the off state.
Set display technique
2
0
8
Sets to 1/8 duty 1/4 bias display drive technique
DCRAM data write (increment mode)
3
0
2
0
0
1
A
Writes the display data “ ” to DCRAM address 00H
DCRAM data write (increment mode)
4
6
4
Writes the display data “F” to DCRAM address 01H
DCRAM data write (increment mode)
5
9
4
Writes the display data “I” to DCRAM address 02H
DCRAM data write (increment mode)
6
E
4
Writes the display data “N” to DCRAM address 03H
DCRAM data write (increment mode)
7
5
4
Writes the display data “E” to DCRAM address 04H
DCRAM data write (increment mode)
8
3
4
Writes the display data “C” to DCRAM address 05H
DCRAM data write (increment mode)
9
8
4
Writes the display data “H” to DCRAM address 06H
DCRAM data write (increment mode)
10
9
4
Writes the display data “I” to DCRAM address 07H
DCRAM data write (increment mode)
11
0
5
Writes the display data “P” to DCRAM address 08H
DCRAM data write (increment mode)
12
3
5
Writes the display data “S” to DCRAM address 09H
DCRAM data write (increment mode)
13
0
2
Writes the display data “ ” to DCRAM address 0AH
DCRAM data write (increment mode)
14
0
2
Writes the display data “ ” to DCRAM address 0BH
DCRAM data write (increment mode)
15
6
4
Writes the display data “F” to DCRAM address 0CH
DCRAM data write (increment mode)
16
4
4
Writes the display data “D” to DCRAM address 0DH
DCRAM data write (increment mode)
17
2
3
Writes the display data “2” to DCRAM address 0EH
DCRAM data write (increment mode)
18
0
3
Writes the display data “0” to DCRAM address 0FH
DCRAM data write (increment mode)
19
0
3
Writes the display data “0” to DCRAM address 10H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com