Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24C04B Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM24C04B
Description  4Kb Serial 5V F-RAM Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C04B Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM24C04B Datasheet HTML 1Page - Ramtron International Corporation FM24C04B Datasheet HTML 2Page - Ramtron International Corporation FM24C04B Datasheet HTML 3Page - Ramtron International Corporation FM24C04B Datasheet HTML 4Page - Ramtron International Corporation FM24C04B Datasheet HTML 5Page - Ramtron International Corporation FM24C04B Datasheet HTML 6Page - Ramtron International Corporation FM24C04B Datasheet HTML 7Page - Ramtron International Corporation FM24C04B Datasheet HTML 8Page - Ramtron International Corporation FM24C04B Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FM24C04B
Rev. 1.3
Feb. 2011
Page 2 of 12
Address
Latch
64 x 64
FRAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
A1
A2
Figure 1. Block Diagram
Pin Description
Pin Name
I/O
Pin Description
A1-A2
Input
Address 1-2: The address pins set the device select address. The device address value
in the 2-wire slave address must match the setting of these two pins. These pins are
internally pulled down.
SDA
I/O
Serial Data/Address: This is a bi-directional pin used to shift serial data and addresses
for the two-wire interface. It employs an open-drain output and is intended to be wire-
OR’d with other devices on the two-wire bus. The input buffer incorporates a Schmitt
trigger for noise immunity and the output driver includes slope control for falling
edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock input for the two-wire interface. Data is clocked out of
the device on the SCL falling edge, and clocked in on the SCL rising edge. The SCL
input also incorporates a Schmitt trigger input for improved noise immunity.
WP
Input
Write Protect: When WP is high, the entire array is write-protected. When WP is low,
all addresses may be written. This pin is internally pulled down.
NC
-
No connect
VDD
Supply
Supply Voltage
VSS
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com