Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24C16B Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM24C16B
Description  16Kb Serial 5V F-RAM Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM24C16B Datasheet HTML 1Page - Ramtron International Corporation FM24C16B Datasheet HTML 2Page - Ramtron International Corporation FM24C16B Datasheet HTML 3Page - Ramtron International Corporation FM24C16B Datasheet HTML 4Page - Ramtron International Corporation FM24C16B Datasheet HTML 5Page - Ramtron International Corporation FM24C16B Datasheet HTML 6Page - Ramtron International Corporation FM24C16B Datasheet HTML 7Page - Ramtron International Corporation FM24C16B Datasheet HTML 8Page - Ramtron International Corporation FM24C16B Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FM24C16B - 16Kb 5V I2C F-RAM
Rev. 1.3
July 2011
Page 2 of 12
Address
Latch
`
256 x 64
FRAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Pin Description
SDA
I/O
Serial Data Address: This is a bi-directional data pin for the two-wire interface. It
employs an open-drain output and is intended to be wire-OR‟d with other devices on the
two-wire bus. The input buffer incorporates a Schmitt trigger for noise immunity and the
output driver includes slope control for falling edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock input for the two-wire interface. Data is clocked-out on
the falling edge and clocked-in on the rising edge.
WP
Input
Write Protect: When WP is high, the entire array is write-protected. When WP is low,
all addresses may be written. This pin is internally pulled down.
VDD
Supply
Supply Voltage (5V)
VSS
Supply
Ground
NC
-
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com