| Electronic Components Datasheet Search |
|
RX5 Datasheet(PDF) 4 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
RX5 Datasheet(HTML) 4 Page - Magnetrol International, Inc. |
|
4 / 12 page ![]() of the application; and (3) a variety of Disturbances that attenuate or distort the radar signal. The Distance, or measurement range, is a function of the instrument’s frequency and selected antenna, the dielectric constant of the media, and the presence of signal interference. Disturbances caused by turbulence, foam, false targets (interior tank obstructions causing false echoes), multiple reflections (reflections from off the tank roof), or a high rate of level change, can weaken, scatter or multiply radar signals. Very high and very low liquid levels can also be problematic. SIGNAL PROCESSING. Radar’s signal processing function is critically important because radar exhibits interference effects similar to those that affect light. It is the quality of a device’s signal processing that separates today’s leading-edge radar transmitters from the others. Most disturbances mentioned above can be readily managed by Pulsar and Model R82 signal processing capabilities where true level can be extracted from false targets and other background noise. Using extremely energy-efficient circuits, no duty cycling is necessary to accomplish effective measurement. For this reason, Magnetrol’s Pulse Burst Radar products can also track high rates of change that have been impossible with other loop-powered radar transmitters. Although these products feature powerful False Target Recognition and Rejection routines, minimizing false target reflections is significantly affected by proper installation and orientation. ANTENNAS. The transmitter’s antenna transmits and receives the radar signal. Pulsar offers dielectric rod and horn types while the Model R82 uses an encapsulated horn antenna. Maximum measuring range of the instruments is chiefly dependent upon the instrument’s capabilities, dielectric constants, and the degree of turbulence. Dielectric constant, temperature, and pressure capabilities for our radar products are shown on page 6. INSTALLATION. A Quick Start installation procedure provides the key steps for mounting, wiring and configur- ing Magnetrol transmitters. Though transmitters come configured from the factory, they can be reconfigured in the shop. Bench configuration provides a convenient and efficient way to set up the transmitter before going to the tank site to complete the installation. The transmitter is password protected to protect configuration values. A HART® remote unit, such as a HART communicator, can be used to provide a communication link to the Pulsar and R82 transmitters. When connected to the control loop, the measurement readings shown on the transmitter will be shown on the communicator. The communicator can also be used to configure and trou- bleshoot the transmitter. See page 11 for information on PACTware, today’s leading configuration and diagnostics software. BENEFITS. Magnetrol Radar products are engineered to measure a large number of liquid media in a broad range of process conditions, from calm product surfaces and water-based media to turbulent surfaces and aggres- sive hydrocarbon media. As a non-contact device, these products are not susceptible to the complications that arise whenever a probe contacts the process media, such as coating by viscous media or corrosive attack due to aggressive chemicals. The greater the measuring range, the more does radar prove itself to be the economical solution, given the cost of extended probe lengths. Radar is virtually unaffected by the presence of vapors, or air movement within a vessel’s free space. Changes in specific gravity, conductivity and dielectric constants also have no effect on measurement accuracy. As a 100% electronic instrument, the absence of moving parts translates into low maintenance costs. As a two- wire, loop-powered device, power requirements and installation are greatly simplified. I 4 Pulse Burst Radar technology and advanced signal pro- cessing help manage common disturbances: False echoes caused by obstructions, or multi-path reflections caused by waves hitting a sidewall; Turbulence generated by agitators or aggressive chemical reactions; and A layer of light to medium density foam. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |