Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R82 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # R82
Description  PULSEBURSTRADAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R82 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  R82 Datasheet HTML 1Page - Magnetrol International, Inc. R82 Datasheet HTML 2Page - Magnetrol International, Inc. R82 Datasheet HTML 3Page - Magnetrol International, Inc. R82 Datasheet HTML 4Page - Magnetrol International, Inc. R82 Datasheet HTML 5Page - Magnetrol International, Inc. R82 Datasheet HTML 6Page - Magnetrol International, Inc. R82 Datasheet HTML 7Page - Magnetrol International, Inc. R82 Datasheet HTML 8Page - Magnetrol International, Inc. R82 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
of the application; and (3) a variety of
Disturbances that
attenuate or distort the radar signal.
The Distance, or measurement range, is a function of
the instrument’s frequency and selected antenna, the
dielectric constant of the media, and the presence of
signal interference. Disturbances caused by turbulence,
foam, false targets (interior tank obstructions causing false
echoes), multiple reflections (reflections from off the tank
roof), or a high rate of level change, can weaken, scatter
or multiply radar signals. Very high and very low liquid
levels can also be problematic.
SIGNAL PROCESSING. Radar’s signal processing
function is critically important because radar exhibits
interference effects similar to those that affect light. It is
the quality of a device’s signal processing that separates
today’s leading-edge radar transmitters from the others.
Most disturbances mentioned above can be readily
managed by Pulsar and Model R82 signal processing
capabilities where true level can be extracted from false
targets and other background noise. Using extremely
energy-efficient circuits, no duty cycling is necessary to
accomplish effective measurement. For this reason,
Magnetrol’s Pulse Burst Radar products can also track
high rates of change that have been impossible with other
loop-powered radar transmitters. Although these products
feature powerful False Target Recognition and Rejection
routines, minimizing false target reflections is significantly
affected by proper installation and orientation.
ANTENNAS. The transmitter’s antenna transmits and
receives the radar signal. Pulsar offers dielectric rod and
horn types while the Model R82 uses an encapsulated horn
antenna. Maximum measuring range of the instruments is
chiefly dependent upon the instrument’s capabilities,
dielectric constants, and the degree of turbulence.
Dielectric constant, temperature, and pressure capabilities
for our radar products are shown on page 6.
INSTALLATION. A Quick Start installation procedure
provides the key steps for mounting, wiring and configur-
ing Magnetrol transmitters. Though transmitters come
configured from the factory, they can be reconfigured in
the shop. Bench configuration provides a convenient and
efficient way to set up the transmitter before going to the
tank site to complete the installation. The transmitter is
password protected to protect configuration values.
A HART® remote unit, such as a HART communicator,
can be used to provide a communication link to the
Pulsar and R82 transmitters. When connected to the
control loop, the measurement readings shown on the
transmitter will be shown on the communicator. The
communicator can also be used to configure and trou-
bleshoot the transmitter. See page 11 for information on
PACTware, today’s leading configuration and diagnostics
software.
BENEFITS. Magnetrol Radar products are engineered
to measure a large number of liquid media in a broad
range of process conditions, from calm product surfaces
and water-based media to turbulent surfaces and aggres-
sive hydrocarbon media. As a non-contact device, these
products are not susceptible to the complications that
arise whenever a probe contacts the process media, such
as coating by viscous media or corrosive attack due to
aggressive chemicals. The greater the measuring range,
the more does radar prove itself to be the economical
solution, given the cost of extended probe lengths.
Radar is virtually unaffected by the presence of
vapors, or air movement within a vessel’s free space.
Changes in specific gravity, conductivity and dielectric
constants also have no effect on measurement accuracy.
As a 100% electronic instrument, the absence of moving
parts translates into low maintenance costs. As a two-
wire, loop-powered device, power requirements and
installation are greatly simplified.
I
4
‚
ƒ
„
Pulse Burst Radar technology and advanced signal pro-
cessing help manage common disturbances:
‚
False
echoes caused by obstructions, or multi-path reflections
caused by waves hitting a sidewall;
ƒ
Turbulence generated
by agitators or aggressive chemical reactions; and
„
A layer
of light to medium density foam.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com