Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25040B Datasheet(PDF) 6 Page - Ramtron International Corporation

Part # FM25040B
Description  4Kb Serial 5V F-RAM Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25040B Datasheet(HTML) 6 Page - Ramtron International Corporation

Back Button FM25040B Datasheet HTML 2Page - Ramtron International Corporation FM25040B Datasheet HTML 3Page - Ramtron International Corporation FM25040B Datasheet HTML 4Page - Ramtron International Corporation FM25040B Datasheet HTML 5Page - Ramtron International Corporation FM25040B Datasheet HTML 6Page - Ramtron International Corporation FM25040B Datasheet HTML 7Page - Ramtron International Corporation FM25040B Datasheet HTML 8Page - Ramtron International Corporation FM25040B Datasheet HTML 9Page - Ramtron International Corporation FM25040B Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FM25040B - 4Kb 5V SPI F-RAM
Rev. 1.2
Feb. 2011
Page 6 of
13
RDSR - Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status Register. Reading Status
provides information about the current state of the
write protection features. Following the RDSR op-
code, the FM25040B will return one byte with the
contents of the Status Register. The Status Register is
described in detail in the Status Register & Write
Protection section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to issuing a WRSR
command, the /WP pin must be high or inactive. Note
that on the FM25040B, /WP prevents writing to the
Status Register and the memory array. Prior to
sending the WRSR command, the user must send a
WREN command to enable writes. Note that
executing a WRSR command is a write operation and
therefore clears the Write Enable Latch. The bus
timing for RDSR and WRSR are shown below.
Figure 7. RDSR Bus Timing
Figure 8. WRSR Bus Timing
Status Register & Write Protection
The write protection features of the FM25040B are
multi-tiered. First, a WREN op-code must be issued
prior to any write operation. Assuming that writes
are enabled using WREN, writes to memory are
controlled by the /WP pin and the Status Register.
When /WP is low, the entire part is write-protected.
When /WP is high, the memory protection is subject
to the Status register. Writes to the Status Register
are performed using the WREN and WRSR
commands and subject to the /WP pin. The Status
Register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-7 are fixed at 0 and cannot be modified.
Note that bit 0 (/RDY in EEPROMs) is wired low
since F-RAM writes have no delay and the memory
is never busy. All EEPROMs use Ready to indicate
whether a write cycle is complete or not. The BP1 and
BP0 bits control write protection features. They are
nonvolatile (shaded yellow). The WEL flag indicates
the state of the Write Enable Latch. This bit is
internally set by the WREN command and is cleared
by terminating a write cycle (/CS high) or by using
the WRDI command.
BP1 and BP0 are memory block write protection bits.
They specify portions of memory that are write-
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
180h to 1FFh (upper ¼)
1
0
100h to 1FFH (upper ½)
1
1
000h to 1FFh (all)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com